Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBD62308AFAG Datasheet (PDF) - Toshiba Semiconductor

TBD62308AFAG Datasheet PDF - Toshiba Semiconductor
Part # TBD62308AFAG
Download  TBD62308AFAG Download
File Size   251.38 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4channel Low active high current sink type DMOS transistor array

TBD62308AFAG Datasheet (PDF)

Go To PDF Page Download Datasheet
TBD62308AFAG Datasheet PDF - Toshiba Semiconductor

Part # TBD62308AFAG
Download  TBD62308AFAG Click to download

File Size   251.38 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4channel Low active high current sink type DMOS transistor array

TBD62308AFAG Datasheet (HTML) - Toshiba Semiconductor


TBD62308AFAG Product details

4channel Low active high current sink type DMOS transistor array

TBD62308AFAG are DMOS transistor array with 4 circuits. It has a clamp diode for switching inductive loads built-in in each output. Please be careful about thermal conditions during use.

Features
• 4 circuits built-in
• High voltage : VOUT = 50 V (MAX)
• High current : IOUT = 1.5 A/ch (MAX)
• Input voltage(output on): VCC - 3.5 V (MAX)
• Input voltage(output off) : VCC - 0.4 V (MIN)
• Package : P-SSOP24-0613-1.00-001




Similar Part No. - TBD62308AFAG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TBD62003A TOSHIBA-TBD62003A Datasheet
351Kb / 11P
7channel sink type DMOS transistor array
TBD62003AFG TOSHIBA-TBD62003AFG Datasheet
351Kb / 11P
7channel sink type DMOS transistor array
TBD62003AFNG TOSHIBA-TBD62003AFNG Datasheet
351Kb / 11P
7channel sink type DMOS transistor array
TBD62003AFWG TOSHIBA-TBD62003AFWG Datasheet
351Kb / 11P
7channel sink type DMOS transistor array
TBD62003APG TOSHIBA-TBD62003APG Datasheet
351Kb / 11P
7channel sink type DMOS transistor array
More results


Similar Description - TBD62308AFAG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308BP-1 TOSHIBA-TD62308BP-1 Datasheet
297Kb / 8P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318AP TOSHIBA-TD62318AP Datasheet
294Kb / 8P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318BP TOSHIBA-TD62318BP Datasheet
292Kb / 8P
4CH LOW INPUT ACTIVE HIGH-CURRENT DARLNGTON SINK DRIVER
logo
ON Semiconductor
ESD7554 ONSEMI-ESD7554 Datasheet
230Kb / 7P
4Channel DualVoltage Protection Array
November, 2010 ??Rev. 0
logo
Toshiba Semiconductor
TBD62064AFAG TOSHIBA-TBD62064AFAG Datasheet
246Kb / 9P
4channel high current sink type DMOS transistor array
TBD62003A TOSHIBA-TBD62003A Datasheet
351Kb / 11P
7channel sink type DMOS transistor array
TBD62064APG TOSHIBA-TBD62064APG Datasheet
366Kb / 9P
4channel high current sink type DMOS transistor array
TBD62783APG TOSHIBA-TBD62783APG Datasheet
561Kb / 11P
8channel source type DMOS transistor array
TBD62089APG TOSHIBA-TBD62089APG Datasheet
336Kb / 8P
8-ch Sink Type DMOS Transistor Array with D-type Flip-Flop
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com