Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP705A Datasheet (PDF) - Toshiba Semiconductor

TLP705A Datasheet PDF - Toshiba Semiconductor
Part # TLP705A
Download  TLP705A Download
File Size   392.79 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Isolation voltage - 5000 Vrms (min)

TLP705A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP705A Datasheet PDF - Toshiba Semiconductor

Part # TLP705A
Download  TLP705A Click to download

File Size   392.79 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Isolation voltage - 5000 Vrms (min)

TLP705A Datasheet (HTML) - Toshiba Semiconductor


TLP705A Product details

General
The TLP705A is a photocoupler in a SDIP6 package that consists of a GaAℓAs infrared light-emitting diode (LED) optically coupled to an integrated high-gain, high-speed photodetector IC chip. The TLP705A is physically smaller than the one in an 8-pin DIP package and compliant with international safety standards for reinforced insulation. It thus provides a smaller footprint solution for applications that require safety standard certification. The TLP705A has an internal Faraday shield that provides a guaranteed Common-mode transient immunity of ±20 kV/µs. It has a totem-pole output that can both sink and source current. It is ideal for IGBT and power MOSFET gate drive.

Features
(1) Output peak current: ±0.6 A (max)
(2) Operating temperature: -40 to 100 
(3) Supply current: 3 mA (max)
(4) Supply voltage: 10 to 30 V
(5) Threshold input current: 7.5 mA (max)
(6) Propagation delay time: 200 ns (max)
(7) Common-mode transient immunity: ±20 kV/µs (min)
(8) Isolation voltage: 5000 Vrms (min)
(9) Safety standards
    UL-approved: UL1577, File No.E67349
    cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
    VDE-approved: EN60747-5-5 (Note 1)

Applications
• Industrial Inverters
• Air Conditioner Inverters
• MOSFET Gate Drivers
• IGBT Gate Drivers




Similar Part No. - TLP705A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705 Datasheet
145Kb / 6P
Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
TLP705 TOSHIBA-TLP705 Datasheet
182Kb / 6P
Plasma Display Panel
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
Plasma Display Panel
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
More results


Similar Description - TLP705A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FNA41560B2 ETC2-FNA41560B2 Datasheet
3Mb / 16P
UL Certified No. E209204, Isolation Rating of 2000 Vrms / min
logo
American Zettler, Inc.
AZ733WC AZETTLER-AZ733WC Datasheet
237Kb / 2P
Dielectric strength 5000 Vrms
AZ7335 AZETTLER-AZ7335 Datasheet
1Mb / 3P
Dielectric strength 5000 Vrms
AZ7555 AZETTLER-AZ7555 Datasheet
945Kb / 3P
Dielectric strength 5000 Vrms
logo
ZETTLER Electronics
AZ576 ZETTLER-AZ576 Datasheet
50Kb / 2P
Dielectric strength 5000 Vrms
logo
Silicon Laboratories
SI88X2X SILABS-SI88X2X Datasheet
768Kb / 45P
Isolation of up to 5000 Vrms
logo
Rohm
BM60059FV-C ROHM-BM60059FV-C Datasheet
1Mb / 49P
Isolation Voltage 2500 Vrms 1ch Gate Driver Providing Galvanic Isolation
28.Jul.2021 Rev.002
BM6109FV-C ROHM-BM6109FV-C Datasheet
1Mb / 43P
1ch Gate Driver Providing Galvanic Isolation 2500 Vrms Isolation Voltage
25.Oct.2018 Rev.001
BM61M22BFJ-C ROHM-BM61M22BFJ-C Datasheet
926Kb / 26P
Isolation Voltage 2500 Vrms 1ch Gate Driver Providing Galvanic Isolation
12.Jan.2022 Rev.002
BM6112FV-C ROHM-BM6112FV-C Datasheet
1Mb / 38P
Isolation Voltage 3750 Vrms 1ch Gate Driver Providing Galvanic Isolation
18.Nov.2019 Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com