Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC154S8 Datasheet (PDF) - Hittite Microwave Corporation

HMC154S8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC154S8
Download  HMC154S8 Download
File Size   174.4 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz

HMC154S8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC154S8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC154S8
Download  HMC154S8 Click to download

File Size   174.4 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz

HMC154S8 Datasheet (HTML) - Hittite Microwave Corporation


HMC154S8 Product details

General Description
The HMC154S8 & HMC154S8E are low-cost SPDT switches in 8-lead SOIC packages for use in transmitreceive applications which require very low distortion at high signal power levels. The device can control signals from DC to 2.5 GHz and is especially suited for 900 MHz and 1.8 - 2.2 GHz applications. The design provides exceptional intermodulation performance; providing a +60dBm third order intercept at 8 Volt bias. RF1 and RF2 are refl ective shorts when “Off”. On-chip circuitry allows single positive supply operation at very low DC current with control inputs compatible with CMOS and most TTL logic families.

Features
    High Third Order Intercept: +60 dBm
    Single Positive Supply: +3 to +10V
    High RF Power Capability
    TTL/CMOS Control

Typical Applications
The HMC154S8 / HMC154S8E is ideal for:
• MMDS & WirelessLAN
• Basestation Infrastructure
• Portable Wireless




Similar Part No. - HMC154S8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC154S8 HITTITE-HMC154S8 Datasheet
244Kb / 6P
GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
HMC154S8E HITTITE-HMC154S8E Datasheet
244Kb / 6P
GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
HMC154S8 HITTITE-HMC154S8_05 Datasheet
244Kb / 6P
GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
More results


Similar Description - HMC154S8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
HMC195 HITTITE-HMC195 Datasheet
198Kb / 6P
GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC574MS8 HITTITE-HMC574MS8 Datasheet
381Kb / 8P
GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
HMC174MS8 HITTITE-HMC174MS8_05 Datasheet
246Kb / 6P
GaAs MMIC T/R SWITCH DC - 3 GHz
HMC154S8 HITTITE-HMC154S8_05 Datasheet
244Kb / 6P
GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
HMC195 HITTITE-HMC195_05 Datasheet
273Kb / 6P
GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC544A HITTITE-HMC544A Datasheet
681Kb / 8P
GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Analog Devices
HMC544A AD-HMC544A Datasheet
315Kb / 6P
GaAs MMIC T/R SWITCH, DC - 4 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com