Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSM40 Datasheet (PDF) - Astrodyne Corporation

BSM40 Datasheet PDF - Astrodyne Corporation
Part # BSM40
Download  BSM40 Download
File Size   527.6 Kbytes
Page   4 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 40W Single Output Class II Medical Power Supplies

BSM40 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSM40 Datasheet PDF - Astrodyne Corporation

Part # BSM40
Download  BSM40 Click to download

File Size   527.6 Kbytes
Page   4 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 40W Single Output Class II Medical Power Supplies

BSM40 Datasheet (HTML) - Astrodyne Corporation




Similar Part No. - BSM40

ManufacturerPart #DatasheetDescription
logo
Rohm
BSM400C12P3G202 ROHM-BSM400C12P3G202 Datasheet
906Kb / 11P
SiC Power Module
BSM400D12P2G003 ROHM-BSM400D12P2G003 Datasheet
793Kb / 11P
SiC Power Module
BSM400D12P3G002 ROHM-BSM400D12P3G002 Datasheet
1Mb / 11P
SiC Power Module
logo
Siemens Semiconductor G...
BSM400GA120DL SIEMENS-BSM400GA120DL Datasheet
115Kb / 9P
IGBT Power Module (Low Loss IGBT Low inductance single switch Including fast free- wheeling diodes)
logo
eupec GmbH
BSM400GA120DLC EUPEC-BSM400GA120DLC Datasheet
81Kb / 8P
IGBT-Modules
More results


Similar Description - BSM40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MW4012-760 ETC1-MW4012-760 Datasheet
79Kb / 1P
Medical Grade - Single Output Regulated Power Supplies
logo
Astrodyne Corporation
ASM40 ASTRODYNE-ASM40 Datasheet
745Kb / 4P
40W Ultraminiature Medical Open Frame Switching Power Supplies
logo
MicroPower Direct, LLC
MPE-40S MPD-MPE-40S Datasheet
225Kb / 2P
Single Output, 40W Compact, Enclosed AC/DC Power Supplies
logo
SL Power Electronics
FLU1-40 SLPOWER-FLU1-40 Datasheet
381Kb / 4P
40W SINGLE OUTPUT SWITCHING POWER SUPPLIES
logo
Mean Well Enterprises C...
GSM40 MEANWELL-GSM40 Datasheet
248Kb / 2P
40W AC-DC Single Output Medical Type
GSM40A MEANWELL-GSM40A Datasheet
917Kb / 2P
40W AC-DC Single Output Medical Type
logo
SL Power Electronics
ME40 SLPOWER-ME40 Datasheet
670Kb / 4P
40W Single Output External Power Medical Series
logo
TDK Electronics
CUS350M TDK-CUS350M Datasheet
1Mb / 3P
Single Output 350W Medical & ITE Power Supplies
DTM65-C8 TDK-DTM65-C8 Datasheet
600Kb / 2P
40W to 65W Medical Class II AC-DC External Power Supplies
logo
Astrodyne Corporation
BSL40 ASTRODYNE-BSL40 Datasheet
511Kb / 4P
40W Single Output Class II Switching Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com