Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC251MS8 Datasheet (PDF) - Hittite Microwave Corporation

HMC251MS8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC251MS8
Download  HMC251MS8 Download
File Size   217.34 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT DIVIDE-BY-2, 3.0 - 6.5 GHz

HMC251MS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC251MS8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC251MS8
Download  HMC251MS8 Click to download

File Size   217.34 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT DIVIDE-BY-2, 3.0 - 6.5 GHz

HMC251MS8 Datasheet (HTML) - Hittite Microwave Corporation


HMC251MS8 Product details

General Description
The HMC251MS8 is a low noise divide-by-2 GaAs MMIC prescaler in an 8 lead surface mount MSOP plastic package. This device operates from 3.0 to 6.5 GHz (input frequency) with a single +5V DC supply while drawing only 27 mA of current. The low residual phase noise of this prescaler helps the user maintain good system noise performance.

Features
   Divide-By-Two
   Low Phase Noise: -130 dBc/Hz @ 10KHz
   Single Positive Bias Voltage: +5V @ 27 mA
   Miniature Small Outline Package: MSOP8

Typical Applications
The HMC251MS8 is ideal for:
• Wireless Local Loop
• UNII & HiperLAN
• ISM
• VSAT




Similar Part No. - HMC251MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC251MS8 HITTITE-HMC251MS8 Datasheet
225Kb / 6P
GaAs MMIC SMT DIVIDE-BY-2, 3.0 - 6.5 GHz
HMC251MS8 HITTITE-HMC251MS8_01 Datasheet
225Kb / 6P
GaAs MMIC SMT DIVIDE-BY-2, 3.0 - 6.5 GHz
HMC251MS8 HITTITE-HMC251MS8_10 Datasheet
148Kb / 6P
GaAs MMIC SMT DIVIDE-BY-2, 3.0 - 6.5 GHz
More results


Similar Description - HMC251MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC361S8G HITTITE-HMC361S8G Datasheet
256Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10.0 GHz
HMC364S8G HITTITE-HMC364S8G Datasheet
261Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 12.5 GHz
HMC432 HITTITE-HMC432 Datasheet
226Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
HMC432 HITTITE-HMC432_06 Datasheet
306Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8.0 GHz
HMC251MS8 HITTITE-HMC251MS8_01 Datasheet
225Kb / 6P
GaAs MMIC SMT DIVIDE-BY-2, 3.0 - 6.5 GHz
HMC361S8G HITTITE-HMC361S8G_08 Datasheet
646Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 10 GHz
HMC492LP3 HITTITE-HMC492LP3_08 Datasheet
235Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
HMC251MS8 HITTITE-HMC251MS8_10 Datasheet
148Kb / 6P
GaAs MMIC SMT DIVIDE-BY-2, 3.0 - 6.5 GHz
logo
Analog Devices
HMC361G8 AD-HMC361G8 Datasheet
469Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, 0.01 - 13 GHz
HMC492LP3 AD-HMC492LP3 Datasheet
344Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com