Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC307QS16G Datasheet (PDF) - Hittite Microwave Corporation

HMC307QS16G Datasheet PDF - Hittite Microwave Corporation
Part # HMC307QS16G
Download  HMC307QS16G Download
File Size   206.79 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz

HMC307QS16G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC307QS16G Datasheet PDF - Hittite Microwave Corporation

Part # HMC307QS16G
Download  HMC307QS16G Click to download

File Size   206.79 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz

HMC307QS16G Datasheet (HTML) - Hittite Microwave Corporation


HMC307QS16G Product details

General Description

The HMC307QS16G & HMC307QS16GE are broad band 5-bit GaAs IC digital attenuators in 16 lead QSOP grounded base surface mount plastic packages. Covering DC to 4 GHz, the insertion loss is less then 2 dB typical. The attenuator bit values are 1 (LSB), 2, 4, 8, and 16 dB for a total attenuation of 31 dB. Attenuation accuracy is excellent at ± 0.5 dB typical with an IIP3 of up to +44 dBm. Five bit control voltage inputs, toggled between 0 and -5V, are used to select each attenuation state at less than 50 uA each. A single Vee bias of -5V allows operation down to DC. This product is an excellent alternative to the HMC235QS16G.



Features

1 dB LSB Steps to 31 dB

Single Control Line Per Bit

+/- 0.5 dB Typical Bit Error

Miniature QSOP-16 Package: 29.4 mm2



Typical Applications

The HMC307QS16G / HMC307QS16GE is ideal for:

• Cellular

• PCS, ISM, MMDS

• Wireless Local Loop




Similar Part No. - HMC307QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC307QS16G HITTITE-HMC307QS16G Datasheet
326Kb / 6P
1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC307QS16G HITTITE-HMC307QS16G_06 Datasheet
326Kb / 6P
1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
More results


Similar Description - HMC307QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC335G16 HITTITE-HMC335G16 Datasheet
238Kb / 6P
1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC424G16 HITTITE-HMC424G16 Datasheet
225Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC235QS16G HITTITE-HMC235QS16G Datasheet
189Kb / 6P
GaAs MMIC SMT 5 - BIT DIGITAL ATTENUATOR DC - 4 GHz
HMC110G16 HITTITE-HMC110G16 Datasheet
93Kb / 4P
1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR, DC - 2.0 GHz
HMC307QS16G HITTITE-HMC307QS16G_06 Datasheet
326Kb / 6P
1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC110 HITTITE-HMC110_01 Datasheet
112Kb / 4P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC335G16 HITTITE-HMC335G16_08 Datasheet
215Kb / 6P
1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC539LP3 HITTITE-HMC539LP3_08 Datasheet
240Kb / 6P
0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
HMC629LP4 HITTITE-HMC629LP4 Datasheet
1,007Kb / 8P
3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com