Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1Z33 Datasheet (PDF) - Microdiode Semiconductor (Shenzhen) Co., Ltd

MM1Z33 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd
Part # MM1Z33
Download  MM1Z33 Download
File Size   890.49 Kbytes
Page   3 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description SILICON PLANAR ZENER DIODES

MM1Z33 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1Z33 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # MM1Z33
Download  MM1Z33 Click to download

File Size   890.49 Kbytes
Page   3 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description SILICON PLANAR ZENER DIODES

MM1Z33 Datasheet (HTML) - Microdiode Semiconductor (Shenzhen) Co., Ltd


MM1Z33 Product details

Silicon planar zener diode in a small plastic



Features

• Total power dissipation: max. 500 mW

• Small plastic package suitable for

• surface mounted design

• Wide variety of voltage ranges: nom.2.0 to 120V (E24 range)

• Tolerance approximately + / - 5%



 




Similar Part No. - MM1Z33

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM1Z33 EIC-MM1Z33 Datasheet
108Kb / 2P
ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
MM1Z33 SEMTECH_ELEC-MM1Z33 Datasheet
272Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z33 HTSEMI-MM1Z33 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM1Z33 DGNJDZ-MM1Z33 Datasheet
1Mb / 4P
Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM1Z33 YFWDIODE-MM1Z33 Datasheet
476Kb / 3P
Silicon Planar Zener Diodes
More results


Similar Description - MM1Z33

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com