Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH600S280 Datasheet (PDF) - DENSEI-LAMBDA

PH600S280 Datasheet PDF - DENSEI-LAMBDA
Part # PH600S280
Download  PH600S280 Download
File Size   84.03 Kbytes
Page   2 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 300W ~ 600W DC-DC power module?

PH600S280 Datasheet (PDF)

Go To PDF Page Download Datasheet
PH600S280 Datasheet PDF - DENSEI-LAMBDA

Part # PH600S280
Download  PH600S280 Click to download

File Size   84.03 Kbytes
Page   2 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 300W ~ 600W DC-DC power module?

PH600S280 Datasheet (HTML) - DENSEI-LAMBDA


PH600S280 Product details

Features
● marking (Low Voltage Directive)
● Compact DC-DC power module
    Large power 300W/600W
    High power density: 61.6W/inch3 (600W type)
    600W type: 146 2 86 2 12.7mm
    300W type: 83 2 86 2 12.7mm
● Wide baseplate temperature: –20 ~ +100°C Conduction cooling
● Wide input voltage range
    DC48V input: DC36 ~ 76V, DC280V input: DC200 ~ 400V
● 2 year warranty




Similar Part No. - PH600S280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PH600S280-12 ETC1-PH600S280-12 Datasheet
135Kb / 2P
Simple function, 50 to 600W DC-DC converters
PH600S280-15 ETC1-PH600S280-15 Datasheet
135Kb / 2P
Simple function, 50 to 600W DC-DC converters
PH600S280-24 ETC1-PH600S280-24 Datasheet
135Kb / 2P
Simple function, 50 to 600W DC-DC converters
PH600S280-28 ETC1-PH600S280-28 Datasheet
135Kb / 2P
Simple function, 50 to 600W DC-DC converters
PH600S280-3 ETC1-PH600S280-3 Datasheet
135Kb / 2P
Simple function, 50 to 600W DC-DC converters
More results


Similar Description - PH600S280

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PH300F280 LAMBDA-PH300F280 Datasheet
145Kb / 4P
Single output DC-DC converter 50W ~ 300W
logo
Extech Instruments Corp...
382275 EXTECH-382275 Datasheet
146Kb / 1P
600W Single Output Laboratory Grade DC Power Supply
logo
Mean Well Enterprises C...
RSD-300 MEANWELL-RSD-300 Datasheet
214Kb / 4P
300W Railway Single Output DC-DC Converter
logo
Delta Electronics, Inc.
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
300W DC/DC Power Modules
logo
Extech Instruments Corp...
382275 EXTECH-382275_15 Datasheet
146Kb / 1P
600W Single Output Laboratory Grade DC Power Supply
382276 EXTECH-382276_15 Datasheet
146Kb / 1P
600W Single Output Laboratory Grade DC Power Supply
logo
Delta Electronics, Inc.
Q48SC12025 DELTA-Q48SC12025 Datasheet
1Mb / 28P
300W DC/DC Power Modules
Q48SC12050 DELTA-Q48SC12050 Datasheet
1Mb / 26P
600W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
600W DC/DC Power Modules
logo
ETA-USA
DTMF300-SX-F-W6 ETA-USA-DTMF300-SX-F-W6 Datasheet
1Mb / 4P
300W AC/DC Switching Adapter-Single Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com