Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0180A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0180A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0180A
Download  TC0180A Download
File Size   196.34 Kbytes
Page   3 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 390 MHz

TC0180A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0180A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0180A
Download  TC0180A Click to download

File Size   196.34 Kbytes
Page   3 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 390 MHz

TC0180A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TC0180A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0181A TAI-SAW-TC0181A Datasheet
320Kb / 4P
SAW Resonator 314.37 MHz
TC0182A TAI-SAW-TC0182A Datasheet
298Kb / 4P
SAW Resonator 315.00 MHz SMD 3.8X3.8 mm
TC0182B TAI-SAW-TC0182B Datasheet
390Kb / 5P
SAW Resonator 315.00 MHz
TC0183A TAI-SAW-TC0183A Datasheet
282Kb / 4P
SAW Resonator 740.545 MHz SMD 3.8X3.8 mm
TC0184A TAI-SAW-TC0184A Datasheet
283Kb / 5P
SAW Resonator 742.545 MHz SMD 3.8X3.8 mm
More results


Similar Description - TC0180A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0150A TAI-SAW-TC0150A Datasheet
336Kb / 4P
SAW Resonator 390 MHz SMD5X5 mm
TC0251A TAI-SAW-TC0251A Datasheet
272Kb / 6P
SAW Resonator 390 MHz SMD 3.8X3.8 mm
TE0109A TAI-SAW-TE0109A Datasheet
218Kb / 5P
Dual SAW Resonator 390/315 MHz SMD 5.0X5.0 mm
logo
RF Monolithics, Inc
RF3606D RFM-RF3606D Datasheet
581Kb / 10P
390 MHz SAW Filter
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RF3606D MURATA-RF3606D Datasheet
581Kb / 10P
390 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TC0151A TAI-SAW-TC0151A Datasheet
278Kb / 3P
SAW Resonator 390 MHz
TC0204A TAI-SAW-TC0204A Datasheet
352Kb / 4P
SAW Resonator 390 MHz
logo
Abracon Corporation
ASR390E ABRACON-ASR390E Datasheet
681Kb / 1P
SMD ONE PORT 390 MHz SAW RESONATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TE0115A TAI-SAW-TE0115A Datasheet
221Kb / 11P
Dual SAW Filter 390 / 420 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com