Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9404 Datasheet (PDF) - Torex Semiconductor

XC9404 Datasheet PDF - Torex Semiconductor
Part # XC9404
Download  XC9404 Download
File Size   299.25 Kbytes
Page   16 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 85VAC ~ 270VAC

XC9404 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9404 Datasheet PDF - Torex Semiconductor

Part # XC9404
Download  XC9404 Click to download

File Size   299.25 Kbytes
Page   16 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 85VAC ~ 270VAC

XC9404 Datasheet (HTML) - Torex Semiconductor




Similar Part No. - XC9404

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9401 TOREX-XC9401 Datasheet
383Kb / 19P
Off-line Controllers for LED Lighting
XC9401-13 TOREX-XC9401-13 Datasheet
383Kb / 19P
Off-line Controllers for LED Lighting
XC9401A605MR-G TOREX-XC9401A605MR-G Datasheet
383Kb / 19P
Off-line Controllers for LED Lighting
XC9401A605MR-G TOREX-XC9401A605MR-G Datasheet
383Kb / 19P
Off-line Controllers for LED Lighting
XC9401B605MR-G TOREX-XC9401B605MR-G Datasheet
383Kb / 19P
Off-line Controllers for LED Lighting
More results


Similar Description - XC9404

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPE-8071 ETC-MPE-8071 Datasheet
261Kb / 1P
70W AC-DC OPEN FRAME POWER SUPPLY INPUT RANGE : 85-270VAC
logo
Lineage Power Corporati...
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
logo
Monolithic Power System...
EV020-5-S-00A MPS-EV020-5-S-00A Datasheet
629Kb / 16P
85VAC~265VAC/50Hz, 5V/1A Off-line Primary-side-Regulator Cell phone Charger Evaluation Board
EV020-5-S-00B MPS-EV020-5-S-00B Datasheet
725Kb / 19P
85VAC~265VAC/50Hz, 12V/0.7A Off-line Primary-Side-Regulator Home Appliances Evaluation Board
EV020-5-S-00D MPS-EV020-5-S-00D Datasheet
1Mb / 16P
85VAC~265VAC/50Hz, 18V/0.3A, 5V/0.1A Off-line Primary-side-Regulator, Dual Outputs Evaluation Board for Small Appliances
EV4034-S-00A MPS-EV4034-S-00A Datasheet
412Kb / 15P
85VAC-265VAC/50Hz, 40V/130mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
EV4034-S-00B MPS-EV4034-S-00B Datasheet
1,014Kb / 15P
85VAC-265VAC/50Hz, 10V/350mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
EV4034-S-00C MPS-EV4034-S-00C Datasheet
422Kb / 15P
85VAC~265VAC/50Hz, 40V/150mA Non-Isolation Off-line LED Driver Evaluation Board
EV4034-S-00D MPS-EV4034-S-00D Datasheet
434Kb / 15P
85VAC~265VAC/50Hz, 10V/350mA Non-Isolation Off-line LED Driver Evaluation Board
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com