Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB3150 Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SB3150 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # SB3150
Download  SB3150 Download
File Size   74.04 Kbytes
Page   2 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 3.0Amp Schottky Barrier Rectifiers

SB3150 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB3150 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SB3150
Download  SB3150 Click to download

File Size   74.04 Kbytes
Page   2 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 3.0Amp Schottky Barrier Rectifiers

SB3150 Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


SB3150 Product details

Reverse Voltage - 20 to 200 V
Forward Current - 3 A

Features
♦ The plastic package carries Underwriters Laboratory
   Flammability Classification 94V-0
♦ Low reverse leakage
♦ High forward surge current capability
♦ High temperature soldering guaranteed:
♦ Metal silicon junction,majority carrier conduction
   250°C/10 seconds,0.375"(9.5mm) lead length,
   5 lbs. (2.3kg) tension

Mechanical Data
   Case: JEDEC DO-27 molded plastic body
   Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026
   Polarity: Color band denotes cathode end
   Mounting Position: Any
   Weight : 0.04 ounce, 1.10 grams




Similar Part No. - SB3150

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
SB3150 CTC-SB3150 Datasheet
73Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Gulf Semiconductor
SB3150 GULFSEMI-SB3150 Datasheet
117Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 3.0A
logo
Sirectifier Global Corp...
SB3150 SIRECT-SB3150 Datasheet
210Kb / 2P
Power Schottky Rectifier - 3Amp 150~200Volt
logo
Rugao Dachang Electroni...
SB3150 DACHANG-SB3150 Datasheet
120Kb / 2P
PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Leshan Radio Company
SB3150 LRC-SB3150 Datasheet
202Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 3.0A
More results


Similar Description - SB3150

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5820 JGD-1N5820 Datasheet
142Kb / 2P
3.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR320 SECOS-SR320 Datasheet
130Kb / 2P
3.0AMP Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB320 CYSTEKEC-SB320 Datasheet
248Kb / 3P
3.0Amp Schottky Barrier Rectifiers
SB3150 CYSTEKEC-SB3150 Datasheet
230Kb / 6P
3.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
1N5820 SECOS-1N5820_15 Datasheet
154Kb / 2P
3.0AMP Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR320 YFWDIODE-SR320 Datasheet
73Kb / 2P
3.0Amp Schottky Barrier Rectifiers
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
3.0Amp Schottky Barrier Rectifiers
SB320-DO-27 YFWDIODE-SB320-DO-27 Datasheet
297Kb / 2P
3.0Amp Schottky Barrier Rectifiers
SR320-DO-27 YFWDIODE-SR320-DO-27 Datasheet
296Kb / 2P
3.0Amp Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR320 PACELEADER-SR320 Datasheet
566Kb / 2P
3.0AMP SCHOTTKY BARRIER RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com