Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R0605300L Datasheet (PDF) - RF Micro Devices

R0605300L Datasheet PDF - RF Micro Devices
Part # R0605300L
Download  R0605300L Download
File Size   263.13 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 30dB Reverse Hybrid

R0605300L Datasheet (PDF)

Go To PDF Page Download Datasheet
R0605300L Datasheet PDF - RF Micro Devices

Part # R0605300L
Download  R0605300L Click to download

File Size   263.13 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 30dB Reverse Hybrid

R0605300L Datasheet (HTML) - RF Micro Devices


R0605300L Product details

The R0605300L is a hybrid reverse amplifier. The part employs a silicon die. It has extremely low distortion and superior return loss performance. The part also provides optimal reliability with low noise and is well suited for 5MHz to 65MHz CATV amplifiers for reverse channel systems.



Features

■ Excellent Linearity

■ Superior Return Loss Performance

■ Extremely Low Distortion

■ Optimal Reliability

■ Low Noise

■ Unconditionally Stable Under All Terminations

■ 30.25dB Typical Gain at 65MHz

■ 140mA Max. at 24VDC



Applications

■ 5MHz to 65MHz CATV Amplifier For Reverse Channel Systems



 




Similar Part No. - R0605300L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0605300L ETC-R0605300L Datasheet
61Kb / 4P
Si Reverse Hybrid , low current
logo
PREMIER DEVICES, INC.
R0605300L PDI-R0605300L Datasheet
135Kb / 4P
Si Reverse, low current, 5 - 65MHz, 30.5dB typ. Gain @ 65MHz, 135mA max. @ 24VDC
logo
Qorvo, Inc
R0605300L QORVO-R0605300L Datasheet
263Kb / 3P
30dB Reverse Hybrid 5MHz to 65MHz (Low Current)
logo
PREMIER DEVICES, INC.
R0605300L1 PDI-R0605300L1 Datasheet
135Kb / 4P
Si Reverse, low current, 5 - 65MHz, 30.5dB typ. Gain @ 65MHz, 135mA max. @ 24VDC
R0605300L2 PDI-R0605300L2 Datasheet
125Kb / 4P
Si Reverse, low current, 5 - 65 MHz, 30.0dB typ. Gain @ 65MHz, 140mA max. @ 24VDC
More results


Similar Description - R0605300L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
R1005300L RFMD-R1005300L Datasheet
264Kb / 3P
30dB Reverse Hybrid 5MHz to 100MHz (Low Current)
R3005300L RFMD-R3005300L Datasheet
267Kb / 3P
30dB Reverse Hybrid 5MHz to 300MHz (Low Current)
RFRP2241 RFMD-RFRP2241 Datasheet
341Kb / 4P
5MHZ TO 100MHZ 30DB REVERSE HYBRID (LOW CURRENT, LOW NOISE)
RFRP2920 RFMD-RFRP2920 Datasheet
265Kb / 3P
Si Reverse Hybrid
logo
Anaren Microwave
X4C20F1-30S ANAREN-X4C20F1-30S Datasheet
1Mb / 18P
Directional Coupler 30dB
logo
Qorvo, Inc
R3005300L QORVO-R3005300L Datasheet
267Kb / 3P
30dB Reverse Hybrid 5MHz to 300MHz (Low Current)
R2005300L QORVO-R2005300L Datasheet
193Kb / 4P
CATV Reverse Hybrid 200MHz 30dB
R1005300L QORVO-R1005300L Datasheet
264Kb / 3P
30dB Reverse Hybrid 5MHz to 100MHz (Low Current)
R0605300L QORVO-R0605300L Datasheet
263Kb / 3P
30dB Reverse Hybrid 5MHz to 65MHz (Low Current)
RFRP2241 QORVO-RFRP2241 Datasheet
341Kb / 4P
5MHZ TO 100MHZ 30DB REVERSE HYBRID(LOW CURRENT, LOW NOISE)
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com