Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC53-16PA Datasheet (PDF) - Diodes Incorporated

BC53-16PA Datasheet PDF - Diodes Incorporated
Part # BC53-16PA
Download  BC53-16PA Download
File Size   419.04 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP MEDIUM POWER TRANSISTOR

BC53-16PA Datasheet (PDF)

Go To PDF Page Download Datasheet
BC53-16PA Datasheet PDF - Diodes Incorporated

Part # BC53-16PA
Download  BC53-16PA Click to download

File Size   419.04 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP MEDIUM POWER TRANSISTOR

BC53-16PA Datasheet (HTML) - Diodes Incorporated


BC53-16PA Product details

Features
• BVCEO > -80V
• IC = -1A High Continuous Collector Current
• ICM = -2A Peak Pulse Current
• 520mW Power Dissipation
• Low Saturation Voltage VCE(sat) < -500mV @ -0.5A
• Complementary NPN Type: BC56-16PA
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Medium Power Switching or Amplification Applications
• AF Driver and Output Stages




Similar Part No. - BC53-16PA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC53-16PA NXP-BC53-16PA Datasheet
1Mb / 22P
80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
BC53-16PA NXP-BC53-16PA Datasheet
1Mb / 22P
80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
BC53-16PA NXP-BC53-16PA Datasheet
1Mb / 22P
80 V, 1 A PNP medium power transistors
Rev. 9-19 October 2011
logo
Nexperia B.V. All right...
BC53-16PA NEXPERIA-BC53-16PA Datasheet
1Mb / 22P
80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
BC53-16PA-Q NEXPERIA-BC53-16PA-Q Datasheet
250Kb / 13P
80 V, 1 A PNP medium power transistors
Rev. 1 11 September 2024
More results


Similar Description - BC53-16PA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
PNP medium power transistor
1999 Aug 04
logo
STMicroelectronics
2SB772 STMICROELECTRONICS-2SB772 Datasheet
90Kb / 8P
PNP MEDIUM POWER TRANSISTOR
09-Sep-2005
2SB772 STMICROELECTRONICS-2SB772_07 Datasheet
109Kb / 8P
PNP medium power transistor
02-Oct-2007
logo
Guangdong Kexin Industr...
BC869 KEXIN-BC869 Datasheet
53Kb / 2P
PNP Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SA1036KPT CHENMKO-2SA1036KPT Datasheet
102Kb / 3P
Medium Power PNP Transistor
2SB1188PT CHENMKO-2SB1188PT Datasheet
242Kb / 3P
PNP Medium Power Transistor
logo
Galaxy Semi-Conductor H...
BC869 BILIN-BC869 Datasheet
142Kb / 3P
PNP medium power Transistor
logo
Guangdong Kexin Industr...
KCP69 KEXIN-KCP69 Datasheet
79Kb / 2P
PNP medium power transistor
logo
Rohm
UMT4403U3HZG ROHM-UMT4403U3HZG Datasheet
1Mb / 10P
PNP Medium Power Transistor
logo
SHIKUES Electronics
BC869 SKTECHNOLGY-BC869 Datasheet
414Kb / 2P
PNP Medium Power Transistor
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com