Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7091R-5BCPZ Datasheet (PDF) - Analog Devices

AD7091R-5BCPZ Datasheet PDF - Analog Devices
Part # AD7091R-5BCPZ
Download  AD7091R-5BCPZ Download
File Size   699.37 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP

AD7091R-5BCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7091R-5BCPZ Datasheet PDF - Analog Devices

Part # AD7091R-5BCPZ
Download  AD7091R-5BCPZ Click to download

File Size   699.37 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP

AD7091R-5BCPZ Datasheet (HTML) - Analog Devices


AD7091R-5BCPZ Product details

GENERAL DESCRIPTION
The AD7091R-5 is a 12-bit, multichannel, ultra low power, successive approximation analog-to-digital converter (ADC). The AD7091R-5 operates from a single 2.7 V to 5.25 V power supply and typically consumes only 24 µA at a 3 V supply in fast mode.

FEATURES
   I2C-compatible serial interface supports standard and
      fast modes
   Ultra low power: 90 µW typical at 3 V in fast mode
   Specified for VDD of 2.7 V to 5.25 V
   On-chip accurate 2.5 V reference, 5 ppm/°C typical drift
   4 single-ended analog input channels
   ALERT function
   BUSY function
   Autocycle mode
   Wide input bandwidth
      68 dB signal-to-noise ratio (SNR) typical at input
         frequency of 1 kHz
   Flexible power/throughput rate management
   No pipeline delays
   Power-down mode
      550 nA typical at VDD = 5.25 V
      435 nA typical at VDD = 3 V
   20-lead LFCSP and TSSOP packages
   Temperature range: −40°C to +125°C
  
APPLICATIONS
   Battery-powered systems
      Personal digital assistants
      Medical instruments
      Mobile communications
   Instrumentation and control systems
   Data acquisition systems
   Optical sensors
   Diagnostic/monitoring functions




Similar Part No. - AD7091R-5BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7091R-5BCPZ AD-AD7091R-5BCPZ Datasheet
831Kb / 35P
4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
Rev. 0
AD7091R-5BCPZ-RL7 AD-AD7091R-5BCPZ-RL7 Datasheet
831Kb / 35P
4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
Rev. 0
More results


Similar Description - AD7091R-5BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7091 AD-AD7091 Datasheet
448Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
AD7091R AD-AD7091R Datasheet
454Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927 AD-AD7927 Datasheet
276Kb / 20P
8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
Rev. 0
AD7091R-5 AD-AD7091R-5_17 Datasheet
831Kb / 35P
4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
Rev. 0
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
D
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com