Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7298-1 Datasheet (PDF) - Analog Devices

AD7298-1 Datasheet PDF - Analog Devices
Part # AD7298-1
Download  AD7298-1 Download
File Size   739.81 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, 1 MSPS, 10-Bit SAR ADC

AD7298-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7298-1 Datasheet PDF - Analog Devices

Part # AD7298-1
Download  AD7298-1 Click to download

File Size   739.81 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, 1 MSPS, 10-Bit SAR ADC

AD7298-1 Datasheet (HTML) - Analog Devices


AD7298-1 Product details

GENERAL DESCRIPTION
The AD7298-1 is a 10-bit, high speed, low power, 8-channel, successive approximation ADC. The part operates from a single 3.3 V power supply and features throughput rates up to 1 MSPS. The device contains a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 30 MHz.

FEATURES
   10-bit SAR ADC
      8 single-ended inputs
      Channel sequencer functionality
      Fast throughput of 1 MSPS
      Analog input range: 0 V to 2.5 V
   Temperature range: −40°C to +125°C
   Specified for VDD of 2.8 V to 3.6 V
   Logic voltage VDRIVE = 1.65 V to 3.6 V
   Power-down current: <10 µA
   Internal 2.5 V reference
   Internal power-on reset
   High speed serial interface SPI
   20-lead LFCSP




Similar Part No. - AD7298-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7298-1 AD-AD7298-1 Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
AD7298-1BCPZ AD-AD7298-1BCPZ Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
AD7298-1BCPZ-RL AD-AD7298-1BCPZ-RL Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
More results


Similar Description - AD7298-1

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
1 MSPS, Serial 14-Bit SAR ADC
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
1 MSPS, Serial 14-Bit SAR ADC
REV. A
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
REV. C
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
AD7485 AD-AD7485 Datasheet
812Kb / 15P
1 MSPS, Serial 14-Bit SAR ADC
23-Feb-2017
AD4697 AD-AD4697 Datasheet
5Mb / 107P
16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com