Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZTA44 Datasheet (PDF) - Nanjing International Group Co

PZTA44 Datasheet PDF - Nanjing International Group Co
Part # PZTA44
Download  PZTA44 Download
File Size   330.7 Kbytes
Page   1 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SOT-223 Plastic-Encapsulate Transistors

PZTA44 Datasheet (PDF)

Go To PDF Page Download Datasheet
PZTA44 Datasheet PDF - Nanjing International Group Co

Part # PZTA44
Download  PZTA44 Click to download

File Size   330.7 Kbytes
Page   1 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SOT-223 Plastic-Encapsulate Transistors

PZTA44 Datasheet (HTML) - Nanjing International Group Co


PZTA44 Product details

FEATURES
* Collector-emitter voltage:
                           VCEO=400V(PZTA44)
                           VCEO=350V(PZTA45)
* Collector current up to 300mA

APPLICATION
* Telephone switching
* High voltage switch




Similar Part No. - PZTA44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZTA44 PHILIPS-PZTA44 Datasheet
43Kb / 8P
NPN high-voltage transistor
1999 May 21
logo
Weitron Technology
PZTA44 WEITRON-PZTA44 Datasheet
274Kb / 3P
NPN Silicon Planar Epitaxial Transistor
logo
Unisonic Technologies
PZTA44 UTC-PZTA44 Datasheet
81Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
NXP Semiconductors
PZTA44 NXP-PZTA44 Datasheet
113Kb / 6P
NPN high-voltage transistor
1999 May 21
logo
SeCoS Halbleitertechnol...
PZTA44 SECOS-PZTA44 Datasheet
160Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results


Similar Description - PZTA44

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BCP69 JIANGSU-BCP69 Datasheet
1,017Kb / 3P
SOT-223 Plastic-Encapsulate Transistors
PZT2907A JIANGSU-PZT2907A Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
BCP56 DGNJDZ-BCP56 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
BCP54 DGNJDZ-BCP54 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
BCP68 DGNJDZ-BCP68 Datasheet
1Mb / 3P
SOT-223 Plastic-Encapsulate Transistors
CZT5551 DGNJDZ-CZT5551 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
PZT3906 DGNJDZ-PZT3906 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
PZT4403 DGNJDZ-PZT4403 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
PZTA56 DGNJDZ-PZTA56 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com