Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS232 Datasheet (PDF) - List of Unclassifed Manufacturers

RS232 Datasheet PDF - List of Unclassifed Manufacturers
Part # RS232
Download  RS232 Download
File Size   7.61 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description RS232 Interface using MAX232

RS232 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS232 Datasheet PDF - List of Unclassifed Manufacturers

Part # RS232
Download  RS232 Click to download

File Size   7.61 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description RS232 Interface using MAX232

RS232 Datasheet (HTML) - List of Unclassifed Manufacturers


RS232 Product details

[REDLION]

GENERAL DESCRIPTION
The CUB®5 provides the user the ultimate in flexibility, from its complete user programming to the optional setpoint control and communication capability. The meter can be programmed as a single or dual counter with rate indication capability. The display can be toggled either manually or automatically between the selected displays.
The CUB5 display has 0.46" (11.7 mm) high digits. The LCD is available in two versions, reflective (CUB5R000) and backlight (CUB5B000). The backlight version is user selectable for green or red backlighting with variable display intensity.

● LCD, REFLECTIVE OR GREEN/RED LED BACKLIGHTING
● 0.46" (11.7 mm) HIGH DIGITS
● OPTIONAL SETPOINT OUTPUT CARD
● OPTIONAL SERIAL COMMUNICATIONS CARD (RS232 or RS485)
● OPTIONAL USB PROGRAMMING CARD
● OPERATES FROM 9 TO 28 VDC POWER SOURCE
● PROGRAMMABLE SCALING FOR COUNT AND RATE
● BI-DIRECTIONAL COUNTING, UP/DOWN CONTROL
● QUADRATURE SENSING (UP TO 4 TIMES RESOLUTION)
● BUILT-IN BATCH COUNTING CAPABILITY
● DISPLAY COLOR CHANGE CAPABILITY AT SETPOINT OUTPUT
● NEMA 4X/IP65 SEALED FRONT BEZEL




Similar Part No. - RS232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS232 ETC1-RS232 Datasheet
144Kb / 11P
PL-2303 USB to RS-232 Bridge Controller Product Datasheet
logo
National Instruments Co...
RS232 NI-RS232 Datasheet
477Kb / 7P
Wireless Sensor Network Serial Nodes NI WSN-3230 (RS232), NI WSN-3231 (RS485)
logo
Linear Technology
RS232 LINER-RS232 Datasheet
337Kb / 20P
Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
RS232 LINER-RS232 Datasheet
337Kb / 20P
Transceivers
logo
List of Unclassifed Man...
RS232 ETC2-RS232 Datasheet
47Kb / 1P
Industrial Surge Protected Converter
More results


Similar Description - RS232

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1342 LINER-LT1342 Datasheet
245Kb / 8P
5V RS232 Transceiver with 3V Logic Interface
LT1342 LINER-LT1342_15 Datasheet
227Kb / 8P
5V RS232 Transceiver with 3V Logic Interface
logo
List of Unclassifed Man...
1696 ETC2-1696 Datasheet
523Kb / 1P
RS232 interface
logo
Bolymin, Inc
BC2402AI BOLYMIN-BC2402AI_17 Datasheet
164Kb / 1P
Multi-interface : I2C/SPI/RS232(USB optional)
logo
Radiometrix Ltd
TDI2 RADIOMETRIX-TDI2 Datasheet
510Kb / 4P
Wireless RS232 Interface Board
logo
PHOENIX CONTACT
2901526 PHOENIX-2901526 Datasheet
95Kb / 5P
Data interface - EM-RS232-GATEWAY-IFS
logo
List of Unclassifed Man...
RDM630 ETC2-RDM630 Datasheet
143Kb / 4P
TTL interface RS232 data format
logo
Beckhoff Automation Gmb...
CX2500-0030 BECKHOFF-CX2500-0030 Datasheet
75Kb / 1P
Serial Interface RS232 for CX20xx, CX52xx
logo
PHOENIX CONTACT
2744458 PHOENIX-2744458 Datasheet
668Kb / 13P
Interface converter - PSM-ME-RS232/TTY-P
Dec 2, 2022
2744461 PHOENIX-2744461 Datasheet
875Kb / 14P
Interface converter - PSM-ME-RS232/RS232-P
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com