Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5211BO Datasheet (PDF) - LightKey Optoelectronics Ltd.

LD5211BO Datasheet PDF - LightKey Optoelectronics Ltd.
Part # LD5211BO
Download  LD5211BO Download
File Size   66.34 Kbytes
Page   3 Pages
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.
Description 0.52 inch Single Digit 7 Segment LED Display

LD5211BO Datasheet (PDF)

Go To PDF Page Download Datasheet
LD5211BO Datasheet PDF - LightKey Optoelectronics Ltd.

Part # LD5211BO
Download  LD5211BO Click to download

File Size   66.34 Kbytes
Page   3 Pages
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.
Description 0.52 inch Single Digit 7 Segment LED Display

LD5211BO Datasheet (HTML) - LightKey Optoelectronics Ltd.




Similar Part No. - LD5211BO

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LD5 PANDUIT-LD5 Datasheet
683Kb / 3P
Pan-Way® LD Surface Raceway System
4/2022
logo
Rosenberger Hochfrequen...
LD5-101-XXXX-Y-Y ROSENBERGER-LD5-101-XXXX-Y-Y Datasheet
709Kb / 2P
CABLE ASSEMBLY
LD5-102-XXXX-Y-Y ROSENBERGER-LD5-102-XXXX-Y-Y Datasheet
105Kb / 2P
HSD CABLE ASSEMBLY
LD5-103-XXXX-Y-Y ROSENBERGER-LD5-103-XXXX-Y-Y Datasheet
115Kb / 2P
HSD CABLE ASSEMBLY
LD5-104-XXXX-Y-Y ROSENBERGER-LD5-104-XXXX-Y-Y Datasheet
709Kb / 2P
CABLE ASSEMBLY
More results


Similar Description - LD5211BO

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS547AP LITEON-LTS547AP Datasheet
128Kb / 5P
0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS-546AHR LITEON-LTS-546AHR Datasheet
128Kb / 5P
0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
LightKey Optoelectronic...
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
0.50 inch Single Digit 7 Segment LED Display
LD5022AB LIGHTKEY-LD5022AB Datasheet
171Kb / 3P
0.50 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
0.60 inch Single Digit 7 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
1.00 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
1.00 inch Single Digit 7 Segment LED Display
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
2.30 inch Single Digit 7 Segment LED Display
LD30012IJ LIGHTKEY-LD30012IJ Datasheet
168Kb / 3P
3.00 inch Single Digit 7 Segment LED Display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com