Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3ZB12 Datasheet (PDF) - Sangdest Microelectronic (Nanjing) Co., Ltd

MM3ZB12 Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd
Part # MM3ZB12
Download  MM3ZB12 Download
File Size   166.39 Kbytes
Page   5 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description ZENER DIODES

MM3ZB12 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3ZB12 Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MM3ZB12
Download  MM3ZB12 Click to download

File Size   166.39 Kbytes
Page   5 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description ZENER DIODES

MM3ZB12 Datasheet (HTML) - Sangdest Microelectronic (Nanjing) Co., Ltd


MM3ZB12 Product details

Features:
• Power Dissipation: 300 mW
• Zener Voltage Tolerance: ± 2%

Mechanical Data:
• Case: SOD-323, Molded Plastic
• Terminals: Plated Leads Solderable per MIL-STD-202, Method 208
• Polarity :Cathode Band
• Marking: Marking Code




Similar Part No. - MM3ZB12

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM3ZB12 SEMTECH_ELEC-MM3ZB12 Datasheet
208Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM3ZB12 HTSEMI-MM3ZB12 Datasheet
503Kb / 3P
Silicon Planar Zener Diodes
logo
Surge Components
MM3ZB12 SURGE-MM3ZB12 Datasheet
564Kb / 3P
Silicon Planar Zener Diodes
logo
Guangdong Huixin Electr...
MM3ZB12-A HUIXIN-MM3ZB12-A Datasheet
2Mb / 4P
Silicon Planar Zener Diodes
logo
Zowie Technology Corpor...
MM3ZB12H ZOWIE-MM3ZB12H Datasheet
151Kb / 2P
SILICON PLANAR ZENER DIODES Halogen-free type
More results


Similar Description - MM3ZB12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com