Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR860 Datasheet (PDF) - Surge Components

MBR860 Datasheet PDF - Surge Components
Part # MBR860
Download  MBR860 Download
File Size   489.25 Kbytes
Page   6 Pages
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components
Description Dual rectifier construction, positive center tap

MBR860 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR860 Datasheet PDF - Surge Components

Part # MBR860
Download  MBR860 Click to download

File Size   489.25 Kbytes
Page   6 Pages
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components
Description Dual rectifier construction, positive center tap

MBR860 Datasheet (HTML) - Surge Components


MBR860 Product details

Construction : : Schottky Barrier Rectifier

Application : For General Purpose




Similar Part No. - MBR860

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR860 DIODES-MBR860 Datasheet
64Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
DS30030 Rev. B-4
logo
Galaxy Semi-Conductor H...
MBR860 BILIN-MBR860 Datasheet
200Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MBR860 PANJIT-MBR860 Datasheet
84Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Rugao Dachang Electroni...
MBR860 DACHANG-MBR860 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
logo
Shenzhen Luguang Electr...
MBR860 LUGUANG-MBR860 Datasheet
234Kb / 2P
Schottky Barrier Rectifiers
More results


Similar Description - MBR860

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
Dual rectifier construction, positive center tap
MBR40H45CT KERSEMI-MBR40H45CT Datasheet
1Mb / 3P
Dual rectifier construction, positive center tap
logo
Surge Components
MBR10100 SURGE-MBR10100 Datasheet
2Mb / 6P
Dual rectifier construction, positive center tap
MBR1060 SURGE-MBR1060 Datasheet
2Mb / 6P
Dual rectifier construction, positive center tap
MBR1060CT SURGE-MBR1060CT Datasheet
2Mb / 6P
Dual rectifier construction, positive center tap
MBR1545CT SURGE-MBR1545CT Datasheet
1Mb / 5P
Dual rectifier construction, positive center tap
MBR1560 SURGE-MBR1560 Datasheet
2Mb / 6P
Dual rectifier construction, positive center tap
MBR1645CT SURGE-MBR1645CT Datasheet
2Mb / 6P
Dual rectifier construction, positive center tap
MBR3045CT SURGE-MBR3045CT Datasheet
462Kb / 5P
Dual rectifier construction, positive center tap
MBR3060CT SURGE-MBR3060CT Datasheet
433Kb / 5P
Dual rectifier construction, positive center tap
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com