Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V78-1500 Datasheet (PDF) - CUI INC

V78-1500 Datasheet PDF - CUI INC
Part # V78-1500
Download  V78-1500 Download
File Size   670.78 Kbytes
Page   6 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description NON-ISOLATED SWITCHING REGULATOR

V78-1500 Datasheet (PDF)

Go To PDF Page Download Datasheet
V78-1500 Datasheet PDF - CUI INC

Part # V78-1500
Download  V78-1500 Click to download

File Size   670.78 Kbytes
Page   6 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description NON-ISOLATED SWITCHING REGULATOR

V78-1500 Datasheet (HTML) - CUI INC


V78-1500 Product details

DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR

FEATURES
• 1.5 A current output
• extremely high efficiency up to 97%
• no heat sink required
• pin compatible to LM78XX linear regulators
• available in straight and right angle SIP packages
• low ripple and noise
• short circuit protection, thermal shutdown
• wide temperature (-40~85°C)




Similar Part No. - V78-1500

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1500 CUI-V78-1500 Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
More results


Similar Description - V78-1500

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
NON-ISOLATED SWITCHING REGULATOR
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
NON-ISOLATED SWITCHING REGULATOR
06/24/2019
P783-S CUI-P783-S Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/23/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
08/08/2022
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com