Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF57G Datasheet (PDF) - Jinan Jing Heng Electronics Co., Ltd.

SF57G Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.
Part # SF57G
Download  SF57G Download
File Size   58.18 Kbytes
Page   2 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description SUPER FAST RECTIFIER

SF57G Datasheet (PDF)

Go To PDF Page Download Datasheet
SF57G Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.

Part # SF57G
Download  SF57G Click to download

File Size   58.18 Kbytes
Page   2 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description SUPER FAST RECTIFIER

SF57G Datasheet (HTML) - Jinan Jing Heng Electronics Co., Ltd.


SF57G Product details

Reverse Voltage: 50 to 600 Volts
Forward Current:5.0Amperes

FEATURES
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• Good for switching mode application
• Lead (Pb)-free component
• Component in accordance to RoHS 2011/65/EU
• High temperature soldering guaranteed:260°C/10 seconds at terminals




Similar Part No. - SF57G

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SF57G MIC-SF57G Datasheet
54Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Chongqing Pingwei Enter...
SF57G CHONGQING-SF57G Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
SF57G YEASHIN-SF57G Datasheet
57Kb / 2P
SUPE RFAST RECOVERY RECTIFIERS VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes
logo
Leshan Radio Company
SF57G LRC-SF57G Datasheet
193Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
logo
Cystech Electonics Corp...
SF57G CYSTEKEC-SF57G Datasheet
269Kb / 3P
5.0Amp. Glass Passivated Super Fast Rectifiers
More results


Similar Description - SF57G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SF101 CHENYI-SF101 Datasheet
151Kb / 2P
SUPER FAST RECTIFIER
SF201 CHENYI-SF201 Datasheet
158Kb / 2P
SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
SUPER FAST RECTIFIER
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
UGP30A BILIN-UGP30A Datasheet
65Kb / 2P
SUPER FAST RECTIFIER
USF21 BILIN-USF21 Datasheet
61Kb / 2P
SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
SUPER FAST RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com