Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1192A Datasheet (PDF) - List of Unclassifed Manufacturers

1192A Datasheet PDF - List of Unclassifed Manufacturers
Part # 1192A
Download  1192A Download

File Size   30.7 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 24 AWG stranded (42x40) high-conductivity bare copper conductors, polyethylene insulation, tinned copper braid shield

1192A Datasheet (PDF)

Go To PDF Page Download Datasheet
1192A Datasheet PDF - List of Unclassifed Manufacturers

Part # 1192A
Download  1192A Click to download

File Size   30.7 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 24 AWG stranded (42x40) high-conductivity bare copper conductors, polyethylene insulation, tinned copper braid shield

1192A Datasheet (HTML) - List of Unclassifed Manufacturers

1192A Datasheet HTML 1Page - List of Unclassifed Manufacturers 1192A Datasheet HTML 2Page - List of Unclassifed Manufacturers 1192A Datasheet HTML 3Page - List of Unclassifed Manufacturers



Similar Part No. - 1192A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1192A BELDEN-1192A Datasheet
101Kb / 3P
   Multi-Conductor
More results


Similar Description - 1192A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1804A ETC2-1804A Datasheet
36Kb / 3P
   28 AWG stranded (19x40) high-conductivity silver plated copper alloy conductors, polypropylene insulation, tinned copper braid shield
1813A ETC2-1813A Datasheet
100Kb / 2P
   24 AWG stranded (27x38) high-conductivity bare copper conductors, PVC insulation
28469 ETC2-28469 Datasheet
33Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1348165 ETC2-1348165 Datasheet
100Kb / 3P
   25 AWG stranded (7x33) tinned copper conductors, polyethylene insulation
29511 ETC2-29511 Datasheet
30Kb / 3P
   25 AWG stranded (7x33) tinned copper conductors, polyethylene insulation
1345945 ETC2-1345945 Datasheet
100Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
28383 ETC2-28383 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
9272 ETC2-9272 Datasheet
101Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351711 ETC2-1351711 Datasheet
99Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1748320 ETC2-1748320 Datasheet
105Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com