Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1592A Datasheet (PDF) - List of Unclassifed Manufacturers

1592A Datasheet PDF - List of Unclassifed Manufacturers
Part # 1592A
Download  1592A Download
File Size   109.21 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation

1592A Datasheet (PDF)

Go To PDF Page Download Datasheet
1592A Datasheet PDF - List of Unclassifed Manufacturers

Part # 1592A
Download  1592A Click to download

File Size   109.21 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation

1592A Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 1592A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1592A BELDEN-1592A Datasheet
177Kb / 3P
Category 5e Patch Cable, 4 Pair, U/UTP, CM
2022 Belden, Inc
1592A0021000 BELDEN-1592A0021000 Datasheet
177Kb / 3P
Category 5e Patch Cable, 4 Pair, U/UTP, CM
2022 Belden, Inc
1592A002U1000 BELDEN-1592A002U1000 Datasheet
177Kb / 3P
Category 5e Patch Cable, 4 Pair, U/UTP, CM
2022 Belden, Inc
1592A0031000 BELDEN-1592A0031000 Datasheet
177Kb / 3P
Category 5e Patch Cable, 4 Pair, U/UTP, CM
2022 Belden, Inc
1592A003U1000 BELDEN-1592A003U1000 Datasheet
177Kb / 3P
Category 5e Patch Cable, 4 Pair, U/UTP, CM
2022 Belden, Inc
More results


Similar Description - 1592A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344423 ETC2-1344423 Datasheet
110Kb / 4P
24 AWG Bonded-Pairs Solid Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1344471 ETC2-1344471 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, plenum, FEP insulation
1344803 ETC2-1344803 Datasheet
109Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1347422 ETC2-1347422 Datasheet
101Kb / 3P
24 AWG stranded (7x32) TC conductors, Polyolefin insulation
1347778 ETC2-1347778 Datasheet
100Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, plenum, FEP insulation
1347877 ETC2-1347877 Datasheet
99Kb / 3P
24 AWG solid bare copper conductors, twisted pairs, non-plenum, Polyolefin insulation
1348370 ETC2-1348370 Datasheet
107Kb / 4P
24 AWG solid bare copper conductors, non-plenum, Polyolefin insulation
1351272 ETC2-1351272 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) tinned copper conductors, polyolefin insulation
1305A ETC2-1305A Datasheet
93Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
7930A ETC2-7930A Datasheet
108Kb / 4P
24 AWG stranded (7x32) bare copper conductors, twisted pairs, polyolefin insulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com