Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1673A Datasheet (PDF) - List of Unclassifed Manufacturers

1673A Datasheet PDF - List of Unclassifed Manufacturers
Part # 1673A
Download  1673A Download
File Size   88.06 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description RG-402/U type, 19 AWG solid .036 silver-plated copper-covered steel conductor

1673A Datasheet (PDF)

Go To PDF Page Download Datasheet
1673A Datasheet PDF - List of Unclassifed Manufacturers

Part # 1673A
Download  1673A Click to download

File Size   88.06 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description RG-402/U type, 19 AWG solid .036 silver-plated copper-covered steel conductor

1673A Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 1673A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1673A BELDEN-1673A Datasheet
163Kb / 3P
Conformable Coax, 50 Ohm, RG-402, 19 AWG Solid SCCS, Copper-Tin Composite Shield, Unjacketed
04-13-2023
1673A-TIN100 BELDEN-1673A-TIN100 Datasheet
163Kb / 3P
Conformable Coax, 50 Ohm, RG-402, 19 AWG Solid SCCS, Copper-Tin Composite Shield, Unjacketed
04-13-2023
1673A-TIN250 BELDEN-1673A-TIN250 Datasheet
163Kb / 3P
Conformable Coax, 50 Ohm, RG-402, 19 AWG Solid SCCS, Copper-Tin Composite Shield, Unjacketed
04-13-2023
1673A-TIN50 BELDEN-1673A-TIN50 Datasheet
163Kb / 3P
Conformable Coax, 50 Ohm, RG-402, 19 AWG Solid SCCS, Copper-Tin Composite Shield, Unjacketed
04-13-2023
1673A-TIN500 BELDEN-1673A-TIN500 Datasheet
163Kb / 3P
Conformable Coax, 50 Ohm, RG-402, 19 AWG Solid SCCS, Copper-Tin Composite Shield, Unjacketed
04-13-2023
More results


Similar Description - 1673A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345174 ETC2-1345174 Datasheet
103Kb / 4P
RG-402/U type 19 AWG solid .036 silver-plated copper-covered steel conductor, TFE Teflon insulation
1345262 ETC2-1345262 Datasheet
96Kb / 2P
Low noise, RG-174/U Type, 26 AWG stranded (7x34) bare copper-covered steel conductor
1345979 ETC2-1345979 Datasheet
100Kb / 3P
19 AWG Solid .034 silver-coated copper conductor, polyethylene insulation
1346517 ETC2-1346517 Datasheet
105Kb / 3P
Series 59 20 AWG solid .032 bare copper-covered steel conductor
1346614 ETC2-1346614 Datasheet
99Kb / 3P
RG-174/U type 26 AWG stranded (7x34) .019 bare copper-covered steel conductor
1351320 ETC2-1351320 Datasheet
101Kb / 3P
26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
1682731 ETC2-1682731 Datasheet
104Kb / 3P
26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
83265 ETC2-83265 Datasheet
37Kb / 3P
30 AWG stranded (7x38) .012 silver-plated copper-covered steel conductor, TFE PTFE insulation
83284 ETC2-83284 Datasheet
100Kb / 3P
26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
83264 ETC2-83264 Datasheet
101Kb / 3P
30 awg stranded (7x38) .012 silver-plated copper-covered steel conductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com