Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80W-LCCH Datasheet (PDF) - LinkCom Manufacturing Co., Ltd.

80W-LCCH Datasheet PDF - LinkCom Manufacturing Co., Ltd.
Part # 80W-LCCH
Download  80W-LCCH Download
File Size   496.79 Kbytes
Page   4 Pages
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.
Description 80W Power Supply

80W-LCCH Datasheet (PDF)

Go To PDF Page Download Datasheet
80W-LCCH Datasheet PDF - LinkCom Manufacturing Co., Ltd.

Part # 80W-LCCH
Download  80W-LCCH Click to download

File Size   496.79 Kbytes
Page   4 Pages
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.
Description 80W Power Supply

80W-LCCH Datasheet (HTML) - LinkCom Manufacturing Co., Ltd.




Similar Part No. - 80W-LCCH

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
80W-12A DBLECTRO-80W-12A Datasheet
1Mb / 2P
80W 60Amp Series
80W-4A DBLECTRO-80W-4A Datasheet
4Mb / 2P
80W 25Amp Series
More results


Similar Description - 80W-LCCH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK405-120 SANYO-STK405-120 Datasheet
151Kb / 6P
2ch AF Power Amplifier (Split Power Supply) 80W 80W min, THD =10%????????????
STK4221II SANYO-STK4221II Datasheet
146Kb / 5P
AF Power Amplifier (Split Power Supply) (80W 80W min, THD = 0.4%)
logo
Mean Well Enterprises C...
HLN-80H MEANWELL-HLN-80H Datasheet
266Kb / 5P
80W Single Output Switching Power Supply
HLP-80H MEANWELL-HLP-80H Datasheet
363Kb / 4P
80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
80W Single Output Switching Power Supply
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
80W Single Output Switching Power Supply
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
80W Switching Mode DC Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com