Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRU-11222-RA Datasheet (PDF) - Winchester Electronics Corporation

TRU-11222-RA Datasheet PDF - Winchester Electronics Corporation
Part # TRU-11222-RA
Download  TRU-11222-RA Download
File Size   34.34 Kbytes
Page   1 Pages
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation
Description 2.92mm(f) to 2.92mm(f) R/A ADAPTER

TRU-11222-RA Datasheet (PDF)

Go To PDF Page Download Datasheet
TRU-11222-RA Datasheet PDF - Winchester Electronics Corporation

Part # TRU-11222-RA
Download  TRU-11222-RA Click to download

File Size   34.34 Kbytes
Page   1 Pages
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation
Description 2.92mm(f) to 2.92mm(f) R/A ADAPTER

TRU-11222-RA Datasheet (HTML) - Winchester Electronics Corporation




Similar Part No. - TRU-11222-RA

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
More results


Similar Description - TRU-11222-RA

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
TRU-11223 WINCHESTER-TRU-11223 Datasheet
69Kb / 1P
CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(F) ADAPTER
TRU-11223-RA WINCHESTER-TRU-11223-RA Datasheet
31Kb / 1P
2.92mm(f) to 2.92mm(m) R/A ADAPTER
TRU-11224 WINCHESTER-TRU-11224 Datasheet
32Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to 2.4mm(f) ADAPTER
TRU-11233-RA WINCHESTER-TRU-11233-RA Datasheet
29Kb / 1P
2.92mm(m) to 2.92mm(m) R/A ADAPTER
TRU-12583 WINCHESTER-TRU-12583 Datasheet
80Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to 2.92mm(f) BKHD ADAPTER
TRU-13017 WINCHESTER-TRU-13017 Datasheet
80Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to N(f) ADAPTER
logo
Mini-Circuits
KFNMD-KMNMD MINI-KFNMD-KMNMD Datasheet
189Kb / 2P
Adapter 2.92mm NMD-M to 2.92mm-NMD-F
KFNMD-KM MINI-KFNMD-KM Datasheet
259Kb / 2P
Adapter 2.92mm NMD-F to 2.92mm-M
REV. OR
logo
Amphenol SV Microwave
1115-6141 SVMICROWAVE-1115-6141 Datasheet
97Kb / 1P
STR. F SMA TO STR. F 2.92mm HERMETIC BLKHD ADAPTER
09/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com