Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7961A Datasheet (PDF) - List of Unclassifed Manufacturers

7961A Datasheet PDF - List of Unclassifed Manufacturers
Part # 7961A
Download  7961A Download
File Size   122.69 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation

7961A Datasheet (PDF)

Go To PDF Page Download Datasheet
7961A Datasheet PDF - List of Unclassifed Manufacturers

Part # 7961A
Download  7961A Click to download

File Size   122.69 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation

7961A Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 7961A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7961A ETC2-7961A Datasheet
4Mb / 4P
DataTuff Cat 5e PROFINET Cables from Belden
logo
Belden Inc.
7961A BELDEN-7961A Datasheet
253Kb / 3P
DataTuff짰 5e, 1 Quad (2 Pr) #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CMG CMX-Outdoor
7961A.00305 BELDEN-7961A.00305 Datasheet
253Kb / 3P
DataTuff짰 5e, 1 Quad (2 Pr) #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CMG CMX-Outdoor
7961A.00610 BELDEN-7961A.00610 Datasheet
253Kb / 3P
DataTuff짰 5e, 1 Quad (2 Pr) #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CMG CMX-Outdoor
7961A1SW1000 BELDEN-7961A1SW1000 Datasheet
253Kb / 3P
DataTuff짰 5e, 1 Quad (2 Pr) #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CMG CMX-Outdoor
More results


Similar Description - 7961A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344818 ETC2-1344818 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1345874 ETC2-1345874 Datasheet
101Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
29467 ETC2-29467 Datasheet
30Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1351272 ETC2-1351272 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) tinned copper conductors, polyolefin insulation
28473 ETC2-28473 Datasheet
34Kb / 4P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
3076F ETC2-3076F Datasheet
104Kb / 3P
1 pair 18 AWG stranded (7x26) tinned copper conductors, polyolefin insulation
7960A ETC2-7960A Datasheet
122Kb / 3P
22 AWG Symmetric quad solid bare copper conductors, polyolefin insulation
7962A ETC2-7962A Datasheet
122Kb / 3P
22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
8723NH ETC2-8723NH Datasheet
113Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
9182 ETC2-9182 Datasheet
103Kb / 3P
22 AWG stranded (19x34) tinned copper conductors, Datalene insulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com