Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6D Datasheet (PDF) - Omron Electronics LLC

G6D Datasheet PDF - Omron Electronics LLC
Part # G6D
Download  G6D Download
File Size   164.45 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs

G6D Datasheet (PDF)

Go To PDF Page Download Datasheet
G6D Datasheet PDF - Omron Electronics LLC

Part # G6D
Download  G6D Click to download

File Size   164.45 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs

G6D Datasheet (HTML) - Omron Electronics LLC


G6D Product details

• Reduced board space, ideal for high-density mounting (45%.
(6.5 mm (W) × 17.5 mm (L) × 12.5 mm (H))
• Small, yet switches 5 A at 250 VAC/30 VDC.
• Allows 300,000 operations with a 2A load at 250 VAC or
30 VDC.




Similar Part No. - G6D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
G6D GULFSEMI-G6D Datasheet
835Kb / 2P
MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
82Kb / 2P
Relay I/O Block Components Overview
G6D-1A-ASI OMRON-G6D-1A-ASI Datasheet
643Kb / 6P
Power PCB Relay
G6D-1A-ASI OMRON-G6D-1A-ASI Datasheet
644Kb / 6P
Power PCB Relay
More results


Similar Description - G6D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT14 AD-ADT14 Datasheet
338Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV.0
TMP01 AD-TMP01 Datasheet
377Kb / 16P
Low Power, Programmable Temperature Controller
REV.C
logo
fujitsu semiconductor
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Analog Devices
TMP01 AD-TMP01_09 Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
logo
Omron Electronics LLC
G6M-1A-DC5 OMRON-G6M-1A-DC5 Datasheet
367Kb / 6P
Slim, Miniature Relay, Capable of Relaying Programmable Controller
G6M1ADC12 OMRON-G6M1ADC12 Datasheet
372Kb / 6P
Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
logo
Analog Devices
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
TMP01 AD-TMP01_15 Datasheet
323Kb / 20P
Low Power Programmable Temperature Controller
Rev. E
logo
IXYS Corporation
IX2113 IXYS-IX2113 Datasheet
297Kb / 13P
Outputs Capable of Sourcing and Sinking 2A
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
Slim PCB Miniature Power Relay.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com