Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ25005 Datasheet (PDF) - Mospec Semiconductor

GBJ25005 Datasheet PDF - Mospec Semiconductor
Part # GBJ25005
Download  GBJ25005 Download
File Size   179.9 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description Glass passivated chip junction

GBJ25005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ25005 Datasheet PDF - Mospec Semiconductor

Part # GBJ25005
Download  GBJ25005 Click to download

File Size   179.9 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description Glass passivated chip junction

GBJ25005 Datasheet (HTML) - Mospec Semiconductor


GBJ25005 Product details

VOLTAGE 50 to 1000 Volts CURRENT 25 Amperes

FEATURES
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
* Glass passivated chip junction
* High case dielectric strength of 1500 VRMS
* Ideal for printed circuit boards
* Low Reverse Leakage Current
* Surge Overload Rating to 350A Peak




Similar Part No. - GBJ25005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ25005 DIODES-GBJ25005 Datasheet
54Kb / 2P
25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
logo
Micro Commercial Compon...
GBJ25005 MCC-GBJ25005 Datasheet
88Kb / 2P
25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Sirectifier Semiconduct...
GBJ25005 SIRECTIFIER-GBJ25005 Datasheet
59Kb / 2P
Single Phase Bridge Rectifiers
logo
TAITRON Components Inco...
GBJ25005 TAITRON-GBJ25005 Datasheet
259Kb / 4P
Single-Phase Glass Passivated Bridge Rectifier
logo
MIC GROUP RECTIFIERS
GBJ25005 MIC-GBJ25005 Datasheet
57Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - GBJ25005

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
30KP33S LUGUANG-30KP33S Datasheet
144Kb / 3P
Glass passivated junction chip
logo
List of Unclassifed Man...
1N5400G ETC2-1N5400G Datasheet
137Kb / 1P
Glass passivated chip junction
6A05G ETC2-6A05G Datasheet
99Kb / 2P
Glass passivated chip junction
logo
Mospec Semiconductor
ABS2 MOSPEC-ABS2 Datasheet
126Kb / 2P
Glass Passivated chip junction
logo
HY ELECTRONIC CORP.
D4KB6L HY-D4KB6L Datasheet
54Kb / 2P
Glass passivated chip junction
logo
Vishay Siliconix
SB2D VISHAY-SB2D Datasheet
95Kb / 4P
Glass passivated chip junction
03-Nov-11
logo
eleflow technologies co...
GL1A ELEFLOW-GL1A Datasheet
218Kb / 3P
Glass passivated chip junction
logo
First Silicon Co., Ltd
1N4148W FS-1N4148W Datasheet
601Kb / 3P
Glass Passivated Chip Junction
logo
DONGGUAN YOU FENG WEI E...
BAV100WL YFWDIODE-BAV100WL Datasheet
462Kb / 3P
Glass Passivated Chip Junction
logo
Shanghai Leiditech Elec...
1N5391G LEIDITECH-1N5391G Datasheet
246Kb / 2P
Glass passivated chip junction
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com