Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16122 Datasheet (PDF) - Maxim Integrated Products

MAX16122 Datasheet PDF - Maxim Integrated Products
Part # MAX16122
Download  MAX16122 Download
File Size   845.32 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Pushbutton Controllers in Tiny 6-Bump WLP Package

MAX16122 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16122 Datasheet PDF - Maxim Integrated Products

Part # MAX16122
Download  MAX16122 Click to download

File Size   845.32 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Pushbutton Controllers in Tiny 6-Bump WLP Package

MAX16122 Datasheet (HTML) - Maxim Integrated Products


MAX16122 Product details

General Description
The MAX16122–MAX16125 pushbutton controllers with single-supply monitors monitor one or two pushbuttons and generate a hard reset signal if the buttons are pushed and held for a setup delay. These devices make it easy to “hide” the hard reset function in an existing pushbutton, such as a soft power switch. The devices operate from 1.6V to 5.5V and consume a quiescent current of only 5µA at 3V.

Benefts and Features
● Low Supply Current: < 5μA (typ) at 3V Over Temperature
● Precision Factory-Set VCC Monitoring Threshold for
   1.8V, 2.5V, 3.3V, and 5V Supplies
● Fixed/Pin-Programmable or Resistor-Adjustable
   Pushbutton Setup Delay
● Up to 2 Reset Outputs and 2 Debounced Pushbutton
   Inputs
● Guaranteed RESET Valid for VCC Down to 0.95V
● Active-Low RESET Output (Push-Pull or Open-Drain)
● Immune to Short Power-Supply Transients
● 0.86mm x 1.27mm 6-Bump WLP Package
● -40°C to +125°C Operating Temperature Range

Applications
● Smartphones
● Tablet PCs
● eBook Readers
● Portable/Battery-Powered Equipment
● Glucose Monitors/Patient Monitors
● Portable Instrumentation




Similar Part No. - MAX16122

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1612 MAXIM-MAX1612 Datasheet
136Kb / 12P
Bridge-Battery Backup Controllers for Notebooks
19-4785; Rev 0; 11/98
MAX16123 MAXIM-MAX16123 Datasheet
1Mb / 16P
Dual Pushbutton Controllers
Rev 0; 7/12
MAX16124 MAXIM-MAX16124 Datasheet
1Mb / 16P
Dual Pushbutton Controllers
Rev 0; 7/12
MAX16125 MAXIM-MAX16125 Datasheet
1Mb / 16P
Dual Pushbutton Controllers
Rev 0; 7/12
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
More results


Similar Description - MAX16122

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44264 MAXIM-MAX44264 Datasheet
289Kb / 10P
Ultra-Low Power Op Amp in a Tiny 6-Bump WLP
Rev 0; 12/10
MAX44265 MAXIM-MAX44265 Datasheet
364Kb / 13P
Rail-to-Rail, 200kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
Rev 0; 12/10
MAX16125 MAXIM-MAX16125 Datasheet
1Mb / 16P
Dual Pushbutton Controllers
Rev 0; 7/12
MAX40006 MAXIM-MAX40006 Datasheet
2Mb / 17P
Micropower, Rail-to-Rail, 300kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
Rev 0; 11/16
MAX40007 MAXIM-MAX40007 Datasheet
1Mb / 10P
nanoPower Op Amp in Ultra-Tiny WLP and SOT23 Packages
Rev 1; 1/18
MAX40006 MAXIM-MAX40006_V01 Datasheet
2Mb / 17P
Micropower, Rail-to-Rail, 300kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP
2018
MAX40018 MAXIM-MAX40018 Datasheet
528Kb / 13P
Dual nanoPower Op Amps in Tiny WLP and TDFN Packages
2019
MAX44264 MAXIM-MAX44264_V01 Datasheet
2Mb / 10P
nanoPower Op Amp in a Tiny 6-Bump WLP
2017
MAX77839WEVKIT MAXIM-MAX77839WEVKIT_V01 Datasheet
863Kb / 10P
Evaluates: MAX77839 in WLP Package
2021
logo
C&K Components
TP CK-COMPONENTS-TP Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com