Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD66100D Datasheet (PDF) - Hitachi Semiconductor

HD66100D Datasheet PDF - Hitachi Semiconductor
Part # HD66100D
Download  HD66100D Download
File Size   111.27 Kbytes
Page   17 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description LCD Driver with 80-Channel Outputs

HD66100D Datasheet (PDF)

Go To PDF Page Download Datasheet
HD66100D Datasheet PDF - Hitachi Semiconductor

Part # HD66100D
Download  HD66100D Click to download

File Size   111.27 Kbytes
Page   17 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description LCD Driver with 80-Channel Outputs

HD66100D Datasheet (HTML) - Hitachi Semiconductor


HD66100D Product details

Description

The HD66100F description segment driver with 80 LCD drive circuits is the improved version of the no longer current HD44100H LCD driver with 40 circuits. It is composed of a shift register, an 80-bit latch circuit, and 80 LCD drive circuits. Its interface is compatible with the HD44100H. It reduces the number of LSI’s and lowers the cost of an LCD module.





Features

•  LCD driver with serial/parallel converting function

•  Interface compatible with the HD44100H; connectable with HD43160AH, HD61830, HD61830B,

LCD-II (HD44780), LCD-III (HD44790)

•  Internal output circuits for LCD drive: 80

•  Internal serial/parallel converting circuits

 80-bit bidirectional shift register

 80-bit latch circuit

•  Power supply

 Internal logic circuit: +5V ±10%

 LCD drive circuit: 3.0V to 6.0V

•  CMOS process




Similar Part No. - HD66100D

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66108 HITACHI-HD66108 Datasheet
337Kb / 60P
(RAM-Provided 165-Channel LCD Driver for Liquid Crystal Dot Matrix Graphics)
HD66108T00 HITACHI-HD66108T00 Datasheet
337Kb / 60P
(RAM-Provided 165-Channel LCD Driver for Liquid Crystal Dot Matrix Graphics)
HD66108TA0 HITACHI-HD66108TA0 Datasheet
337Kb / 60P
(RAM-Provided 165-Channel LCD Driver for Liquid Crystal Dot Matrix Graphics)
HD66108TB0 HITACHI-HD66108TB0 Datasheet
337Kb / 60P
(RAM-Provided 165-Channel LCD Driver for Liquid Crystal Dot Matrix Graphics)
More results


Similar Description - HD66100D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5265 OKI-MSM5265 Datasheet
159Kb / 18P
80-DOT LCD DRIVER
MSM6606 OKI-MSM6606 Datasheet
132Kb / 18P
80-DOT LCD DRIVER WITH KEY MATRIX
logo
Panasonic Semiconductor
MN86351 PANASONIC-MN86351 Datasheet
16Kb / 1P
TFT LCD Gate Driver with 242 Outputs
logo
Hitachi Semiconductor
HD44100 HITACHI-HD44100 Datasheet
360Kb / 10P
LCD Driver with 40-Channel Outputs
logo
Sharp Corporation
LH1514 SHARP-LH1514 Datasheet
987Kb / 20P
80 OUTPUT LCD SEGMENT DRIVER
logo
List of Unclassifed Man...
SSD1702 ETC-SSD1702 Datasheet
586Kb / 47P
240-outputs LCD driver
NT3883 ETC1-NT3883 Datasheet
288Kb / 12P
Dot Matrix LCD 80-Channel Driver
logo
ELAN Microelectronics C...
EM65168 EMC-EM65168 Datasheet
192Kb / 30P
80 COM/SEG LCD DRIVER
logo
List of Unclassifed Man...
FEDL9471-01 ETC2-FEDL9471-01 Datasheet
412Kb / 20P
Duty 80 Output LCD Driver
logo
Generalplus Technology ...
GPLD1080A GENERALPLUS-GPLD1080A Datasheet
545Kb / 20P
80 CHANNEL SEG/COM STN LCD DRIVER
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com