Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE15034 Datasheet (PDF) - ON Semiconductor

MJE15034 Datasheet PDF - ON Semiconductor
Part # MJE15034
Download  MJE15034 Download
File Size   64.97 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS

MJE15034 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE15034 Datasheet PDF - ON Semiconductor

Part # MJE15034
Download  MJE15034 Click to download

File Size   64.97 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS

MJE15034 Datasheet (HTML) - ON Semiconductor


MJE15034 Product details

MJE15034 NPN,MJE15035 PNP



4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS



. . . designed for use as high−frequency drivers in audio amplifiers.

•hFE= 100 (Min) @ IC= 0.5 Adc

       = 10 (Min) @ IC= 2.0 Adc

•Collector−Emitter Sustaining Voltage VCEO(sus) = 350 Vdc (Min) − MJE15034, MJE15035

•High Current Gain − Bandwidth Product

              fT= 30 MHz (Min) @ IC= 500 mAdc

•TO−220AB Compact Package

•Epoxy meets UL 94 V−0 @ 0.125 in

•ESD Ratings: Machine Model: C

             Human Body Model: 3B




Similar Part No. - MJE15034

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE15034 ONSEMI-MJE15034 Datasheet
74Kb / 5P
4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
MJE15034 ONSEMI-MJE15034 Datasheet
77Kb / 5P
Complementary Silicon Plastic Power Transistors
January, 2015 ??Rev. 6
logo
Foshan Blue Rocket Elec...
MJE15034 FOSHAN-MJE15034 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
logo
New Jersey Semi-Conduct...
MJE15034 NJSEMI-MJE15034 Datasheet
80Kb / 1P
Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
MJE15034G ONSEMI-MJE15034G Datasheet
74Kb / 5P
4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
More results


Similar Description - MJE15034

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ15018 MOTOROLA-MJ15018 Datasheet
135Kb / 4P
4.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
MJF3055 MOTOROLA-MJF3055 Datasheet
156Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS 10 AMPERES 90 VOLTS 30 WATTS
logo
ON Semiconductor
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
MJE15034 ONSEMI-MJE15034_06 Datasheet
74Kb / 5P
4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
MJL3281A ONSEMI-MJL3281A_05 Datasheet
67Kb / 5P
15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
October, 2005 ??Rev. 9
MJL4281A ONSEMI-MJL4281A_06 Datasheet
64Kb / 5P
15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 350 VOLTS, 230 WATTS
January, 2006 ??Rev. 2
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com