Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C016 Datasheet (PDF) - Integrated Silicon Solution, Inc

24C016 Datasheet PDF - Integrated Silicon Solution, Inc
Part # 24C016
Download  24C016 Download
File Size   85.79 Kbytes
Page   13 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM

24C016 Datasheet (PDF)

Go To PDF Page Download Datasheet
24C016 Datasheet PDF - Integrated Silicon Solution, Inc

Part # 24C016
Download  24C016 Click to download

File Size   85.79 Kbytes
Page   13 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM

24C016 Datasheet (HTML) - Integrated Silicon Solution, Inc


24C016 Product details

DESCRIPTION
The IS24CXX (refers to IS24C01, IS24C02, IS24C04, IS24C08, IS24C16) family is a low-cost and low voltage 2-wire Serial EEPROM. It is fabricated using ISSI’s advanced CMOS EEPROM technology and provides a low power and low voltage operation. The IS24CXX family features a write protection feature, and is available in 8-pin DIP and 8-pin SOIC packages.

FEATURES
• Low Power CMOS Technology
   –Standby Current less than 8 µA (5.5V)
   –Read Current (typical) less than 1 mA (5.5V)
   –Write Current (typical) less than 3 mA (5.5V)
• Flexible Voltage Operation
   –Vcc = 1.8V to 5.5V for –2 version
   –Vcc = 2.5V to 5.5V for –3 version
• 400 KHz (I2C Protocol) Compatibility
• Hardware Data Protection
   –Write Protect Pin
• Sequential Read Feature
• Filtered Inputs for Noise Suppression
• 8-pin PDIP and 8-pin SOIC packages
• 8-pin TSSOP (1K,2K, 4K & 8K only)
• 8-pin MSOP (1K,2K only)
• Self time write cycle with auto clear 5 ms @ 2.5V
• Organization:
   –IS24C01 128x8 (one block of 128 bytes)
   –IS24C02 256x8 (one block of 256 bytes)
   –IS24C04 512x8 (two blocks of 256 bytes)
   –IS24C08 1024x8 (four blocks of 256 bytes)
   –IS24C16 2048x8 (eight blocks of 256 bytes)
• Page Write Buffer
• Two-Wire Serial Interface
   –Bi-directional data transfer protocol
• High Reliability
   –Endurance: 1,000,000 Cycles
   –Data Retention: 100 Years
• Commercial, Industrial and Automotive temperature ranges




Similar Part No. - 24C016

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
24C01 ATMEL-24C01 Datasheet
153Kb / 10P
2-Wire Serial EEPROM
logo
Microchip Technology
24C01 MICROCHIP-24C01 Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
logo
List of Unclassifed Man...
24C01 ETC1-24C01 Datasheet
45Kb / 8P
CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM
logo
Integrated Silicon Solu...
24C01 ISSI-24C01 Datasheet
57Kb / 16P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Microchip Technology
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
More results


Similar Description - 24C016

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com