Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

125L Datasheet (PDF) - Vishay Siliconix

125L Datasheet PDF - Vishay Siliconix
Part # 125L
Download  125L Download
File Size   157.95 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description AC Line Rated Ceramic Disc Capacitors Class X1, 400 VAC / Class Y4, 125 VAC

125L Datasheet (PDF)

Go To PDF Page Download Datasheet
125L Datasheet PDF - Vishay Siliconix

Part # 125L
Download  125L Click to download

File Size   157.95 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description AC Line Rated Ceramic Disc Capacitors Class X1, 400 VAC / Class Y4, 125 VAC

125L Datasheet (HTML) - Vishay Siliconix


125L Product details

X & Y EMI/RFI FILTER TYPES: ACROSS-THE-LINE, LINE-BY-PASS, ANTENNA COUPLING

Vishay Cera-Mite AC Line Rated Discs are rugged, high voltage capacitors specifically designed and tested for use on 125 Volt through 600 Volt AC power sources. Certified to meet demanding X & Y type worldwide safety agency requirements, they are applied in across-the-line, line-to-ground, and line-by-pass filtering applications. Vishay Cera-Mite offers the most complete selection in the industry—six product families—exactly tailored to your needs.



• Worldwide Safety Agency Recognition

 - Underwriters Laboratories - UL1414 & UL1283

 - Canadian Standards Association - CSA 22.2 No. 1 & No. 8

 - European EN132400 to IEC 384-14 Second Edition

• Required In AC Power Supply and Filter Applications

• Six Families Tailored To Specific Industry Requirements

• Complete Range of Capacitance Values




Similar Part No. - 125L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
125L VISHAY-125L Datasheet
129Kb / 3P
AC Line Rated Disc Capacitors
14-May-02
125L VISHAY-125L Datasheet
171Kb / 7P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y4, 125 VAC
23-Jul-2021
logo
Illinois Capacitor, Inc...
125LC2500K5HM6 ILLINOISCAPACITOR-125LC2500K5HM6 Datasheet
610Kb / 3P
High AC Voltage - High current
125LC3600K5LM8 ILLINOISCAPACITOR-125LC3600K5LM8 Datasheet
943Kb / 4P
High AC Voltage - High current
125LC3600KL505HM6 ILLINOISCAPACITOR-125LC3600KL505HM6 Datasheet
943Kb / 4P
High AC Voltage - High current
More results


Similar Description - 125L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
WYO472MCMCRBKR VISHAY-WYO472MCMCRBKR Datasheet
134Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
10-Apr-13
440LD68-R VISHAY-440LD68-R Datasheet
162Kb / 5P
AC Line Rated Ceramic Disc Capacitors Class X1, 400 VAC/Class Y1, 500 VAC
06-Jun-13
WKP681MCPQG0KR VISHAY-WKP681MCPQG0KR Datasheet
140Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
03-Apr-13
440LT33-R VISHAY-440LT33-R Datasheet
162Kb / 5P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
25-Jun-13
W1X103SCVCF0KR VISHAY-W1X103SCVCF0KR Datasheet
131Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 275 VAC
02-Jun-14
SMDY1 VISHAY-SMDY1 Datasheet
169Kb / 7P
AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
19-Apr-2021
W1X VISHAY-W1X Datasheet
130Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 275 VAC
22-Mar-2021
125L VISHAY-125L_V01 Datasheet
171Kb / 7P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y4, 125 VAC
23-Jul-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com