Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMCJ5.0 Datasheet (PDF) - Diotec Semiconductor

1.5SMCJ5.0 Datasheet PDF - Diotec Semiconductor
Part # 1.5SMCJ5.0_16
Download  1.5SMCJ5.0 Download
File Size   162.24 Kbytes
Page   4 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Transient Voltage Suppresssor Diodes

1.5SMCJ5.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5SMCJ5.0 Datasheet PDF - Diotec Semiconductor

Part # 1.5SMCJ5.0_16
Download  1.5SMCJ5.0 Click to download

File Size   162.24 Kbytes
Page   4 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Transient Voltage Suppresssor Diodes

1.5SMCJ5.0 Datasheet (HTML) - Diotec Semiconductor


1.5SMCJ5.0 Product details

Features
   Uni- and Bidirectional versions
   Peak pulse power of 200 W
   (10/1000 µs waveform)
   Very fast response time
   Further available: 1.5SMC220...550CA
   having VBR = 220 ... 550 V
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Over-voltage protection
   ESD protection
   Free-wheeling diodes
   Commercial grade 1)
  
Mechanical Data 1)
   Taped and reeled 3000 / 13
   Weight approx. 0.07 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                MSL = 1




Similar Part No. - 1.5SMCJ5.0_16

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1.5SMCJ5.0-LFR FRONTIER-1.5SMCJ5.0-LFR Datasheet
146Kb / 6P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5SMCJ5.0A PANJIT-1.5SMCJ5.0A Datasheet
83Kb / 4P
SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Won-Top Electronics
1.5SMCJ5.0A WTE-1.5SMCJ5.0A Datasheet
64Kb / 5P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
1.5SMCJ5.0A WTE-1.5SMCJ5.0A Datasheet
80Kb / 6P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5SMCJ5.0A PANJIT-1.5SMCJ5.0A Datasheet
112Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 1.5SMCJ5.0_16

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1.5SMC220 DIOTEC-1.5SMC220_16 Datasheet
146Kb / 3P
SMD Transient Voltage Suppresssor Diodes
P4SMAJ5.0 DIOTEC-P4SMAJ5.0_16 Datasheet
167Kb / 4P
SMD Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_16 Datasheet
170Kb / 4P
SMD Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_16 Datasheet
165Kb / 4P
SMD Transient Voltage Suppressor Diodes
1.5SMCJ6.5 DIOTEC-1.5SMCJ6.5_17 Datasheet
154Kb / 4P
SMD Transient Voltage Suppresssor Diodes
15SMCJ65 DIOTEC-15SMCJ65_18 Datasheet
170Kb / 4P
SMD Transient Voltage Suppresssor Diodes
SMF14B DIOTEC-SMF14B Datasheet
184Kb / 2P
SMD Transient Voltage Suppressor Diodes
3.0SMCJ5.0A DIOTEC-3.0SMCJ5.0A_1 Datasheet
163Kb / 3P
SMD Transient Voltage Suppressor Diodes
6.6SM8Z10A DIOTEC-6.6SM8Z10A Datasheet
166Kb / 2P
SMD Transient Voltage Suppresssor Diodes
15SMCJ65 DIOTEC-15SMCJ65_1 Datasheet
169Kb / 4P
SMD Transient Voltage Suppresssor Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com