Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1579 Datasheet (PDF) - Rohm

2SA1579 Datasheet PDF - Rohm
Part # 2SA1579
Download  2SA1579 Download
File Size   79.69 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High-voltage Amplifier Transistor (-120V, -50mA)

2SA1579 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1579 Datasheet PDF - Rohm

Part # 2SA1579
Download  2SA1579 Click to download

File Size   79.69 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High-voltage Amplifier Transistor (-120V, -50mA)

2SA1579 Datasheet (HTML) - Rohm


2SA1579 Product details

Features
1) High breakdown voltage. (BVCEO = −120V)
2) Complements the 2SC4102 / 2SC3906K / 2SC2389S.




Similar Part No. - 2SA1579

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1579 KEXIN-2SA1579 Datasheet
45Kb / 1P
High-Voltage Amplifier Transistor
logo
SeCoS Halbleitertechnol...
2SA1579 SECOS-2SA1579 Datasheet
427Kb / 2P
PNP Silicon Plastic Encapsulated Transistor
logo
Shenzhen Jin Yu Semicon...
2SA1579 HTSEMI-2SA1579 Datasheet
295Kb / 2P
TRANSISTOR(PNP)
logo
Rohm
2SA1579 ROHM-2SA1579 Datasheet
367Kb / 8P
PNP -50mA -120V High-Voltage Amplifier Transistors
2SA1579 ROHM-2SA1579 Datasheet
1Mb / 11P
High-voltage Amplifier Transistor
More results


Similar Description - 2SA1579

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4102 ROHM-2SC4102 Datasheet
59Kb / 1P
High-voltage Amplifier Transistor(120V, 50mA)
2SC4102 ROHM-2SC4102_1 Datasheet
75Kb / 3P
High-voltage Amplifier Transistor (120V, 50mA)
2SA1579 ROHM-2SA1579_13 Datasheet
367Kb / 8P
PNP -50mA -120V High-Voltage Amplifier Transistors
2SC4102 ROHM-2SC4102_13 Datasheet
358Kb / 8P
NPN 50mA 120V High Voltage Amplifier transistors
2SA1579U3HZG ROHM-2SA1579U3HZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (-120V, -50mA)
2SARA41CHZG ROHM-2SARA41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (-120V,-50mA)
2SC4102U3 ROHM-2SC4102U3 Datasheet
1Mb / 11P
High-voltage Amplifier Transistor (120V, 50mA)
2SC4102U3HZG ROHM-2SC4102U3HZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SCRC41CHZG ROHM-2SCRC41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SA1579FRA ROHM-2SA1579FRA Datasheet
1Mb / 8P
High-voltage Amplifier Transistor (-120V, -50mA)
20160915 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com