Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6373 Datasheet (PDF) - List of Unclassifed Manufacturers

1N6373 Datasheet PDF - List of Unclassifed Manufacturers
Part # 1N6373
Download  1N6373 Download
File Size   139.08 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power

1N6373 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6373 Datasheet PDF - List of Unclassifed Manufacturers

Part # 1N6373
Download  1N6373 Click to download

File Size   139.08 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power

1N6373 Datasheet (HTML) - List of Unclassifed Manufacturers


1N6373 Product details

[Vishay]

FEATURES
• Glass passivated chip junction
• Available in uni-directional and bi-directional
• 1500 W peak pulse power capability with a 10/1000 μs waveform, repetitive rate (duty cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
    Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, and telecommunication.




Similar Part No. - 1N6373

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
logo
Motorola, Inc
1N6373 MOTOROLA-1N6373 Datasheet
50Kb / 6P
Zener Transient Voltage Suppressors Unidirectional and Bidirectional
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373 Datasheet
42Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6373 VISHAY-1N6373 Datasheet
80Kb / 5P
TRANSZORB Transient Voltage Suppressors
07-May-10
1N6373 VISHAY-1N6373 Datasheet
80Kb / 5P
TRANSZORB Transient Voltage Suppressors
07-May-10
More results


Similar Description - 1N6373

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Formosa MS
3KP5.0 FORMOSA-3KP5.0 Datasheet
69Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
DB Lectro Inc
1.5KE DBLECTRO-1.5KE Datasheet
147Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
Pan Jit International I...
1.5KE PANJIT-1.5KE_08 Datasheet
103Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
New Jersey Semi-Conduct...
1N6389 NJSEMI-1N6389 Datasheet
130Kb / 1P
STANDOFF VOLTAGE - 5.0 TO 45.0V, 1500 WATT PEAK POWER
MPTE5 NJSEMI-MPTE5 Datasheet
102Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V
logo
Pan Jit International I...
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
MDE Semiconductor, Inc.
ICTE5.0 MDE-ICTE5.0 Datasheet
55Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com