Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1645CT Datasheet (PDF) - Inchange Semiconductor Company Limited

MBR1645CT Datasheet PDF - Inchange Semiconductor Company Limited
Part # MBR1645CT
Download  MBR1645CT Download
File Size   135.37 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Schottky Barrier Rectifier

MBR1645CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1645CT Datasheet PDF - Inchange Semiconductor Company Limited

Part # MBR1645CT
Download  MBR1645CT Click to download

File Size   135.37 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Schottky Barrier Rectifier

MBR1645CT Datasheet (HTML) - Inchange Semiconductor Company Limited


MBR1645CT Product details

FEATURES
• Low Forward Voltage
• 170℃ Operating Junction Temperature
• Guaranteed Reverse Avalanche
• Low Power Loss/High Efficiency
• High Surge Capacity
• Low Stored Charge Majority Carrier Conduction




Similar Part No. - MBR1645CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1645CT MCC-MBR1645CT Datasheet
919Kb / 2P
16 Amp Schott ky Barr ier Rectifier 20 to 60 Volts
logo
Shanghai Lunsure Electr...
MBR1645CT CHENYI-MBR1645CT Datasheet
237Kb / 2P
16Amp schottky barrier rectifier 20to60 volts
logo
Pan Jit International I...
MBR1645CT PANJIT-MBR1645CT Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR1645CT MCC-MBR1645CT Datasheet
151Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Rugao Dachang Electroni...
MBR1645CT DACHANG-MBR1645CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
More results


Similar Description - MBR1645CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com