Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA4738A Datasheet (PDF) - Won-Top Electronics

1SMA4738A Datasheet PDF - Won-Top Electronics
Part # 1SMA4738A
Download  1SMA4738A Download
File Size   96.29 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0W SURFACE MOUNT ZENER DIODE

1SMA4738A Datasheet (PDF)

Go To PDF Page Download Datasheet
1SMA4738A Datasheet PDF - Won-Top Electronics

Part # 1SMA4738A
Download  1SMA4738A Click to download

File Size   96.29 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0W SURFACE MOUNT ZENER DIODE

1SMA4738A Datasheet (HTML) - Won-Top Electronics


1SMA4738A Product details

Features
● Glass Passivated Die Construction
● 1.0W Power Dissipation
● 3.3V – 330V Nominal Zener Voltage
● 5% Standard Vz Tolerance
● Low Inductance
● For Use in Voltage Regulator or Reference
● Plastic Case Material has UL Flammability
   Classification Rating 94V-0




Similar Part No. - 1SMA4738A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1SMA4738A EIC-1SMA4738A Datasheet
35Kb / 2P
SURFACE MOUNT ZENER DIODES
logo
SynSemi, Inc.
1SMA4738A SYNSEMI-1SMA4738A Datasheet
37Kb / 2P
SURFACE MOUNT ZENER DIODES
logo
EIC discrete Semiconduc...
1SMA4738A EIC-1SMA4738A Datasheet
66Kb / 2P
SURFACE MOUNT ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMA4738A TAYCHIPST-1SMA4738A Datasheet
1Mb / 2P
ZENER DIODES
logo
Shenzhen Luguang Electr...
1SMA4738A LUGUANG-1SMA4738A Datasheet
122Kb / 2P
Surface Mount Zener Diodes
More results


Similar Description - 1SMA4738A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZM4728A DIODES-ZM4728A Datasheet
64Kb / 3P
1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
SMAZ5V1 DIODES-SMAZ5V1_09 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
Rev 16
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
Rev 16
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
Rev 16
SMAZ5V1 DIODES-SMAZ5V1_15 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
Rev 16
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com