Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7064AE Datasheet (PDF) - Altera Corporation

EPM7064AE Datasheet PDF - Altera Corporation
Part # EPM7064AE
Download  EPM7064AE Download
File Size   943.86 Kbytes
Page   60 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device

EPM7064AE Datasheet (PDF)

Go To PDF Page Download Datasheet
EPM7064AE Datasheet PDF - Altera Corporation

Part # EPM7064AE
Download  EPM7064AE Click to download

File Size   943.86 Kbytes
Page   60 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device

EPM7064AE Datasheet (HTML) - Altera Corporation


EPM7064AE Product details

MAX 7000A (including MAX 7000AE) devices are high-density, high performance devices based on Altera’s second-generation MAX architecture.

Fabricated with advanced CMOS technology, the EEPROM based MAX 7000A devices operate with a 3.3-V supply voltage and provide 600 to 10,000 usable gates, ISP, pin-to-pin delays as fast as 4.5 ns, and counter speeds of up to 227.3 MHz.




Similar Part No. - EPM7064AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7064AE ALTERA-EPM7064AE Datasheet
2Mb / 182P
Package Information Datasheet for Mature Altera Devices
EPM7064AE ALTERA-EPM7064AE Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7064AE ALTERA-EPM7064AE Datasheet
1,007Kb / 64P
High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX
EPM7064AE ALTERA-EPM7064AE Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7064AE ALTERA-EPM7064AE Datasheet
1,018Kb / 64P
Programmable Logic Device
More results


Similar Description - EPM7064AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
Programmable Logic Device
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7064AELC44-10 ALTERA-EPM7064AELC44-10 Datasheet
1,018Kb / 64P
Programmable Logic Device
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7032AELC44-10 ALTERA-EPM7032AELC44-10 Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7256AETC144-10N ALTERA-EPM7256AETC144-10N Datasheet
1,018Kb / 64P
Programmable Logic Device
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com