Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT5C2565 Datasheet (PDF) - Austin Semiconductor

MT5C2565 Datasheet PDF - Austin Semiconductor
Part # MT5C2565
Download  MT5C2565 Download
File Size   122.48 Kbytes
Page   11 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 64K x 4 SRAM MEMORY ARRAY

MT5C2565 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT5C2565 Datasheet PDF - Austin Semiconductor

Part # MT5C2565
Download  MT5C2565 Click to download

File Size   122.48 Kbytes
Page   11 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 64K x 4 SRAM MEMORY ARRAY

MT5C2565 Datasheet (HTML) - Austin Semiconductor


MT5C2565 Product details

GENERAL DESCRIPTION
The Austin Semiconductor SRAM family employs high-speed, low-power CMOS designs using a four-transistor memory cell. Austin Semiconductor SRAMs are fabricated using double-layer metal, double-layer polysilicon technology.

FEATURES
• High Speed: 12, 15, 20, 25, 35, and 45ns
• Battery Backup: 2V data retention
• Low power standby
• High-performance, low-power, CMOS double-metal process
• Single +5V (+10%) Power Supply
• Easy memory expansion with CE
• All inputs and outputs are TTL compatible




Similar Part No. - MT5C2565

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C2561 AUSTIN-MT5C2561 Datasheet
122Kb / 11P
MT5C2561 SRAM MEMORY ARRAY
MT5C2561C-35L/883C AUSTIN-MT5C2561C-35L/883C Datasheet
122Kb / 11P
MT5C2561 SRAM MEMORY ARRAY
MT5C2561C-35L/IT AUSTIN-MT5C2561C-35L/IT Datasheet
122Kb / 11P
MT5C2561 SRAM MEMORY ARRAY
MT5C2561C-35L/XT AUSTIN-MT5C2561C-35L/XT Datasheet
122Kb / 11P
MT5C2561 SRAM MEMORY ARRAY
MT5C2561C-45L/883C AUSTIN-MT5C2561C-45L/883C Datasheet
122Kb / 11P
MT5C2561 SRAM MEMORY ARRAY
More results


Similar Description - MT5C2565

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C6404 AUSTIN-MT5C6404 Datasheet
111Kb / 10P
16K x 4 SRAM SRAM MEMORY ARRAY
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
256K x 4 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
128K x 32 SRAM SRAM MEMORY ARRAY
logo
List of Unclassifed Man...
MT5C6405 ETC1-MT5C6405 Datasheet
124Kb / 11P
16K x 4 SRAM SRAM MEMORY ARRAY
logo
Austin Semiconductor
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
512K x 32 SRAM SRAM MEMORY ARRAY
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
64K x 1 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
512K x 32 SRAM SRAM MEMORY ARRAY
MT5C1005 AUSTIN-MT5C1005_05 Datasheet
103Kb / 13P
256K x 4 SRAM SRAM MEMORY ARRAY
MT5C2564 AUSTIN-MT5C2564_05 Datasheet
94Kb / 12P
64K x 4 SRAM SRAM MEMORY ARRAY
MT5C6405 AUSTIN-MT5C6405 Datasheet
81Kb / 11P
16K x 4 SRAM SRAM MEMORY ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com