Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38203M4 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M38203M4 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M38203M4
Download  M38203M4 Download
File Size   5067.68 Kbytes
Page   344 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-BIT SINGLE-CHIP MICROCOMPUTER

M38203M4 Datasheet (PDF)

Go To PDF Page Download Datasheet
M38203M4 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M38203M4
Download  M38203M4 Click to download

File Size   5067.68 Kbytes
Page   344 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-BIT SINGLE-CHIP MICROCOMPUTER

M38203M4 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M38203M4 Product details

DESCRIPTION
The 3820 group is the 8-bit microcomputer based on the 740 family core technology. The 3820 group has the LCD drive control circuit and the serial I/ O as additional functions.
The various microcomputers in the 3820 group include variations of internal memory size and packaging. For details, refer to the section on part numbering.
For details on availability of microcomputers in the 3820 group, refer to the section on group expansion.

FEATURES
• Basic machine-language instructions ....................................... 71
• The minimum instruction execution time ............................ 0.5 µs
   (at 8MHz oscillation frequency)
• Memory size
   ROM .................................................................. 4 K to 32 K bytes
   RAM ................................................................. 192 to 1024 bytes
• Programmable input/output ports ............................................. 43
• Software pull-up/pull-down resistors (Ports P0-P7 except Port P40)
• Interrupts .................................................. 16 sources, 16 vectors
   (includes key input interrupt)
• Timers ........................................................... 8-bit ✕ 3, 16-bit ✕ 2
• Serial I/O1 ..................... 8-bit ✕ 1 (UART or Clock-synchronized)
• Serial I/O2 .................................... 8-bit ✕ 1 (Clock-synchronized)
• LCD drive control circuit
   Bias ................................................................................... 1/2, 1/3
   Duty ............................................................................ 1/2, 1/3, 1/4
   Common output .......................................................................... 4
   Segment output ......................................................................... 40
• 2 Clock generating circuit
   Clock (XIN-XOUT) .................................. Internal feedback resistor
   Sub-clock (XCIN-XCOUT).......... Without internal feedback resistor
   (connect to external ceramic resonator or quartz-crystal oscillator)
• Watchdog timer ............................................................. 15-bit ✕ 1
• Power source voltage
   In high-speed mode ....................................................4.0 to 5.5 V
   (at 8MHz oscillation frequency and high-speed selected)
   In middle-speed mode ................................................2.5 to 5.5 V
   (at 8MHz oscillation frequency and middle-speed selected)
   In low-speed mode ......................................................2.5 to 5.5 V
   (Extended operating temperature version: 3.0 V to 5.5 V)
• Power dissipation
   In high-speed mode ........................................................... 32 mW
   (at 8 MHz oscillation frequency)
   In low-speed mode ..............................................................45 µW
   (at 32 kHz oscillation frequency, at 3 V power source voltage)
• Operating temperature range ................................... – 20 to 85°C
   (Extended operating temperature version: –40 to 85°C)

APPLICATIONS
   Household appliances, consumer electronics, etc.




Similar Part No. - M38203M4

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38203M4 MITSUBISHI-M38203M4 Datasheet
1Mb / 66P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203M4-XXXFP MITSUBISHI-M38203M4-XXXFP Datasheet
1Mb / 66P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M38203M4-XXXFP RENESAS-M38203M4-XXXFP Datasheet
1Mb / 67P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M38203M4-XXXGP MITSUBISHI-M38203M4-XXXGP Datasheet
1Mb / 66P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M38203M4-XXXGP RENESAS-M38203M4-XXXGP Datasheet
1Mb / 67P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Similar Description - M38203M4

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866032B SANYO-LC866032B Datasheet
390Kb / 20P
8-bit single chip microcomputer???
LC866132A SANYO-LC866132A Datasheet
391Kb / 20P
8-bit single chip microcomputer???
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
SINGLE CHIP 8 BIT MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
8-bit single chip microcomputer
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
8-BIT SINGLE-CHIP MICROCOMPUTER
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
8-bit Single Chip Microcomputer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com