Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG2163X3-C2 Datasheet (PDF) - California Eastern Labs

CG2163X3-C2 Datasheet PDF - California Eastern Labs
Part # CG2163X3-C2
Download  CG2163X3-C2 Download
File Size   614.74 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description Enter a Short Document/Title Name Here

CG2163X3-C2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CG2163X3-C2 Datasheet PDF - California Eastern Labs

Part # CG2163X3-C2
Download  CG2163X3-C2 Click to download

File Size   614.74 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description Enter a Short Document/Title Name Here

CG2163X3-C2 Datasheet (HTML) - California Eastern Labs




Similar Part No. - CG2163X3-C2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2163X3-EVAL CEL-CG2163X3-EVAL Datasheet
617Kb / 8P
Broadband SPDT RF Switch
More results


Similar Description - CG2163X3-C2

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP245P POWERINT-TOP245P_1 Datasheet
612Kb / 25P
Title 32W (47W peak) Multiple Output supply
logo
Japan Aviation Electron...
SJ020776 JAE-SJ020776 Datasheet
79Kb / 1P
REDRAWN AND CHANGED TITLE
SJ020777 JAE-SJ020777 Datasheet
80Kb / 1P
REDRAWN AND CHANGED TITLE
logo
Molex Electronics Ltd.
0483380057 MOLEX11-0483380057 Datasheet
187Kb / 8P
REVISION: ECR/ECN INFORMATION: TITLE:
logo
STMicroelectronics
AN3387 STMICROELECTRONICS-AN3387 Datasheet
950Kb / 12P
This short document gives some practical indications
16-May-2011
logo
California Eastern Labs
CG2176X3 CEL-CG2176X3 Datasheet
867Kb / 7P
50廓 TERMINATION TYPE HIGH POWER Short Document/Title
logo
Analog Devices
ADIS16IMU1 AD-ADIS16IMU1 Datasheet
349Kb / 6P
Here is a picture of the contents that come with
Rev 25 Jun 2013 19:50
logo
Laird Tech Smart Techno...
M2US50NBT LSTD-M2US50NBT Datasheet
1Mb / 37P
Changed document name to Datasheet
logo
Golledge Electronics Lt...
VCXO GOLLEDGE-VCXO Datasheet
518Kb / 3P
3.3V Complementary LVDS VCXO here
OCXO GOLLEDGE-OCXO Datasheet
521Kb / 3P
Specify your custom Golledge OCXO here
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com