Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR76115EL-F Datasheet (PDF) - Exar Corporation

XR76115EL-F Datasheet PDF - Exar Corporation
Part # XR76115EL-F
Download  XR76115EL-F Download
File Size   2943.16 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 15A Synchronous Step Down COT Regulator

XR76115EL-F Datasheet (PDF)

Go To PDF Page Download Datasheet
XR76115EL-F Datasheet PDF - Exar Corporation

Part # XR76115EL-F
Download  XR76115EL-F Click to download

File Size   2943.16 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 15A Synchronous Step Down COT Regulator

XR76115EL-F Datasheet (HTML) - Exar Corporation


XR76115EL-F Product details

General Description
The XR76115 is a synchronous step-down regulator combining the controller, drivers, bootstrap diode and MOSFETs in a single package for point-of-load supplies. The XR76115 has a load current rating of 15A. A wide 5V to 22V input voltage range allows for single supply operation from industry standard 5V, 12V and 19.6V rails.

FEATURES
• 15A Capable Step Down Regulator
    − 4.5V to 5.5V Low VIN Operation
    − 5V to 22V Wide Single Input Voltage
    − ≥0.6V Adjustable Output Voltage
• Controller, drivers, bootstrap diode and MOSFETs integrated in one package
• Proprietary Constant On-Time Control
    − No Loop Compensation Required
    − Ceramic Output Cap. Stable operation
    − Programmable 200ns-2µs On-Time
    − Quasi Constant 200kHz-800kHz Freq.
    − Selectable CCM or CCM/DCM Operation
• Precision Enable and Power-Good Flag
• Programmable Soft-start
• 6x6mm 37-pin QFN Package

APPLICATIONS
• Distributed Power Architecture
• Point-of-Load Converters
• Power Supply Modules
• FPGA, DSP, and Processor Supplies
• Base Stations, Switches/Routers, and Servers




Similar Part No. - XR76115EL-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76116 EXAR-XR76116 Datasheet
1,003Kb / 19P
PowerBloxTM 15A and 20A Synchronous
XR76116EL-F EXAR-XR76116EL-F Datasheet
1,003Kb / 19P
PowerBloxTM 15A and 20A Synchronous
XR76116ELMTR-F EXAR-XR76116ELMTR-F Datasheet
1,003Kb / 19P
PowerBloxTM 15A and 20A Synchronous
XR76116ELTR-F EXAR-XR76116ELTR-F Datasheet
1,003Kb / 19P
PowerBloxTM 15A and 20A Synchronous
XR76116EVB EXAR-XR76116EVB Datasheet
1,003Kb / 19P
PowerBloxTM 15A and 20A Synchronous
More results


Similar Description - XR76115EL-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR75100 EXAR-XR75100 Datasheet
3Mb / 15P
40V Synchronous Step Down COT Controller
XR76108 EXAR-XR76108 Datasheet
1Mb / 17P
8A and 12A Synchronous Step Down COT Regulator
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
3A/5A/8A Synchronous Step Down COT Regulator
XR79110 EXAR-XR79110 Datasheet
1Mb / 20P
22V, 10A Synchronous Step Down COT Power Module
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
22V, 15A Synchronous Step Down COT Power Module
XRP6141 EXAR-XRP6141 Datasheet
1Mb / 14P
35A Synchronous Step Down COT Controller
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
PowerBlox 20A Synchronous Step-Down COT Regulators
XRP6141 EXAR-XRP6141_17 Datasheet
1Mb / 14P
35A Synchronous Step Down COT Controller
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com