Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG-2630 Datasheet (PDF) - List of Unclassifed Manufacturers

DG-2630 Datasheet PDF - List of Unclassifed Manufacturers
Part # DG-2630
Download  DG-2630 Download
File Size   605.14 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Digital Audio Signal Generator

DG-2630 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG-2630 Datasheet PDF - List of Unclassifed Manufacturers

Part # DG-2630
Download  DG-2630 Click to download

File Size   605.14 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Digital Audio Signal Generator

DG-2630 Datasheet (HTML) - List of Unclassifed Manufacturers


DG-2630 Product details

OUTLINE
DG-2630 generates the test signal by the IEC61937 (with MPEG-2 AAC) and IEC60958 (with PCM) digital audio interface format and measures the characteristic of the equipment which processes the digital signal.
The sampling frequency of PCM test pattern is up to 96kHz.

FEATURES
    MPEG-2 AAC and PCM
        Pre-set test patterns of MPEG-2 AAC and PCM are generated by digital.
        Test patterns of MPEG-2 AAC is fixed. PCM can be rewritten by using RS-232C.
   
    BS digital broadcasting standard
        The MPEG-2 AAC signal comply with the BS digital broadcasting standard in Japan.
   
    Manual operation
        Emphasis bit and copy bit of C-bit, validity flag and L/R-MUTE in digital audio interface formatting can be manually changed regardless of the test pattern.
        However, L/R-MUTE is changeable at PCM MODE only.
   
    Two kinds of output
        The signals are output by coaxial terminal and optical terminal.
   
    External control
        The key operation of a front panel can be controlled through remote control terminal of the rear panel.
   
    Seven segment LED display
        The output signal frequency and the level or pattern No. is displayed by seven segments LED.
   
    Easy test pattern change
        The test pattern is output in order pre-set by the UP/DOWN/TOP key.




Similar Part No. - DG-2630

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
DG-211V KODENSHI-DG-211V Datasheet
212Kb / 2P
Photointerrupters(Transmissive)
logo
TT Electronics.
DG-240 TTELEC-DG-240 Datasheet
349Kb / 2P
Din Rail Series (240W)
11/02/2020
DG-240-24 TTELEC-DG-240-24 Datasheet
349Kb / 2P
Din Rail Series (240W)
11/02/2020
DG-240-48 TTELEC-DG-240-48 Datasheet
349Kb / 2P
Din Rail Series (240W)
11/02/2020
logo
List of Unclassifed Man...
DG-24128 ETC-DG-24128 Datasheet
1Mb / 1P
24128 240 X 128DOT 1/128 DUTY
More results


Similar Description - DG-2630

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sony Corporation
CXD2467AQ SONY-CXD2467AQ Datasheet
529Kb / 38P
Digital Signal Driver/Timing Generator
CXD2467Q SONY-CXD2467Q Datasheet
533Kb / 38P
Digital Signal Driver/Timing Generator
CXD3511AQ SONY-CXD3511AQ Datasheet
569Kb / 84P
Digital Signal Driver/Timing Generator
CXD3511Q SONY-CXD3511Q Datasheet
531Kb / 79P
Digital Signal Driver/Timing Generator
CXD3526GG SONY-CXD3526GG Datasheet
475Kb / 88P
Digital Signal Driver/Timing Generator
CXD3536R SONY-CXD3536R Datasheet
123Kb / 2P
Digital Signal Driver/Timing Generator
logo
Texas Instruments
TAS3108DCPR TI1-TAS3108DCPR Datasheet
1Mb / 63P
AUDIO DIGITAL SIGNAL PROCESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com