Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58C65 Datasheet (PDF) - Hitachi Semiconductor

HN58C65 Datasheet PDF - Hitachi Semiconductor
Part # HN58C65
Download  HN58C65 Download
File Size   152.47 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8192-word X 8-bit Electrically Erasable and Programmable CMOS ROM

HN58C65 Datasheet (PDF)

Go To PDF Page Download Datasheet
HN58C65 Datasheet PDF - Hitachi Semiconductor

Part # HN58C65
Download  HN58C65 Click to download

File Size   152.47 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8192-word X 8-bit Electrically Erasable and Programmable CMOS ROM

HN58C65 Datasheet (HTML) - Hitachi Semiconductor


HN58C65 Product details

Description
The Hitachi HN58C65 is a electrically erasable and programmable ROM organized as 8192-word × 8-bit. It realizes high speed, low power consumption, and a high level of reliability, employing advanced MNOS memory technology and CMOS process and circuitry technology. It also has a 32-byte page programming function to make its erase and write operations faster.

Features
• Single 5 V Supply
• On chip latches: address, data, CE, OE, WE
• Automatic byte write: 10 ms max
• Automatic page write (32 byte): 10 ms max
• Fast access time: 250 ns max
• Low power dissipation: 20 mW/MHz typ (Active) 2.0 mW typ (Standby)
• Data polling and Ready/Busy
• Data protection circuity on power on/power off
• Conforms to JEDEC byte-wide standard
• Reliable CMOS with MNOS cell technology
• 105 erase/write cycles (in page mode)
• 10 year data retention




Similar Part No. - HN58C65

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
logo
Renesas Technology Corp
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
logo
Hitachi Semiconductor
HN58C1001FP-15 HITACHI-HN58C1001FP-15 Datasheet
117Kb / 22P
1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
logo
Renesas Technology Corp
HN58C1001FP-15 RENESAS-HN58C1001FP-15 Datasheet
232Kb / 24P
1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58C1001FP-15E RENESAS-HN58C1001FP-15E Datasheet
232Kb / 24P
1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
More results


Similar Description - HN58C65

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M6M80041 MITSUBISHI-M6M80041 Datasheet
251Kb / 10P
4096-BIT (256-WORD BY-180 -BIT) ELECTRICALLY ERASABLE AND PROGRAMMABLE ROM
logo
Rohm
BR93L56 ROHM-BR93L56 Datasheet
634Kb / 42P
128 X 16 bIT Electrically Erasable Programmable ROM
logo
Hitachi Semiconductor
HN48016 HITACHI-HN48016 Datasheet
229Kb / 4P
2048 WORD X 8 BIT ELECTRICALLY ERASABLE AND PROGRAMMABLE ROM
logo
Mitsubishi Electric Sem...
M6M80011 MITSUBISHI-M6M80011 Datasheet
253Kb / 10P
1024 BIT ELECTRICALLY ERASABLE AND PROGRAMMABLE ROM
logo
Hitachi Semiconductor
HN27C4096HCC HITACHI-HN27C4096HCC Datasheet
459Kb / 18P
262,144-word x 16-bit CMOS UV Erasable and Programmable ROM
HN27C256G HITACHI-HN27C256G Datasheet
437Kb / 6P
32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM
logo
Mitsubishi Electric Sem...
M5L2764K MITSUBISHI-M5L2764K Datasheet
328Kb / 7P
65536-BIT (8192-WORD BY 8-BIT) ERASABLE AND ELECTRICALLT REPROGRAMMABLE ROM
logo
Hitachi Semiconductor
HN27C64FP HITACHI-HN27C64FP Datasheet
227Kb / 5P
8192-WORD X 8BIR ONE TIME ELECTRICALLY PROGRAMMABLE CMOS ROM
logo
Toshiba Semiconductor
TC57H1000AD TOSHIBA-TC57H1000AD Datasheet
299Kb / 10P
131,072 WORD x 8 BIT CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
TC57H256D TOSHIBA-TC57H256D Datasheet
692Kb / 13P
32.768 WORD x 8 BIT CMOS UV ERASABLE AND ELECTRICALLY
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com