Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA-7010 Datasheet (PDF) - List of Unclassifed Manufacturers

VCA-7010 Datasheet PDF - List of Unclassifed Manufacturers
Part # VCA-7010
Download  VCA-7010 Download
File Size   273.45 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Video Equalizing Amplifier with Clipping and Clamping

VCA-7010 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCA-7010 Datasheet PDF - List of Unclassifed Manufacturers

Part # VCA-7010
Download  VCA-7010 Click to download

File Size   273.45 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Video Equalizing Amplifier with Clipping and Clamping

VCA-7010 Datasheet (HTML) - List of Unclassifed Manufacturers


VCA-7010 Product details

[Ross Video Limited.]

Video Equalizing Amplifier with Clipping and Clamping
For use where clamping and white clipping is required in addition to precision cable equalization.

The basic amplifier equalizes Belden 8281 cable but several versions for other cable types are available at no extra charge.
The back porch clamping speed is adjustable. Fast mode offers excellent hum rejection (>45 dB) while Normal mode provides good hum rejection (>33 dB) with superior immunity to noise.
An adjustable white clipper is included to limit peak white signal excursions and protect the following equipment from overload. Two clipping modes are available. Flat mode causes all frequencies to be clipped equally. Luminance Only mode avoids clipping chroma. The clipper is of an advanced design which maintains excellent signal linearity to within 1.5% of the clipping point.
A differential input provides excellent rejection of input ground loop interference.
Temperature drift effects are almost non-existent due to the use of the latest in analog ASICs combined with meticulous product engineering.

• Precision equalization of up to 305m (1,000 ft.) of coax cable
• 8 outputs (6 output mode selectable on the VEA-7506)
• Versions available for many popular cable types
• White Clipper with hard and soft modes
• Back porch clamping with 2 speeds
• Delay adjustable +/- 2 degrees
• Delay matched for precise interchangeability
• Differential input with excellent common-mode rejection
• Excellent isolation between outputs
• Power to each card is individually fused
• Superb technical specifications
• 5-year transferable warranty
• VCA-7010 is an alternative to the Leitch VDP-683-CLP
• VCA-7010 fits Ross 7000 series and Leitch 680 series frames
• VEA-7506 is an alternative to the GVG 8506
• VEA-7506 fits Ross 7500 series and GVG 8500/8800/8900 series frames




Similar Part No. - VCA-7010

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
VCA SENSATA-VCA Datasheet
542Kb / 5P
Complete VCA and Driver Kit for Custom Actuation System
logo
Vectron International, ...
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
3.3, 5.0 volt CMOS Oscillator
logo
IXYS Corporation
VCA105 IXYS-VCA105 Datasheet
61Kb / 2P
Thyristor Modules
VCA105-08IO7 IXYS-VCA105-08IO7 Datasheet
61Kb / 2P
Thyristor Modules
VCA105-12IO7 IXYS-VCA105-12IO7 Datasheet
61Kb / 2P
Thyristor Modules
More results


Similar Description - VCA-7010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7360 STMICROELECTRONICS-TDA7360 Datasheet
224Kb / 22P
22W BRIDGE / STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
Oct-1998
STA7360 STMICROELECTRONICS-STA7360 Datasheet
481Kb / 18P
20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
Sep-2003
TDA4426 STMICROELECTRONICS-TDA4426 Datasheet
217Kb / 7P
VIDEO IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
Maxim Integrated Produc...
MAX9508 MAXIM-MAX9508 Datasheet
400Kb / 25P
Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 5/06
logo
Gennum Corporation
LS505 GENNUM-LS505 Datasheet
163Kb / 5P
High Gain Class A Amplifier with Peak Clipping
logo
Maxim Integrated Produc...
MAX9513 MAXIM-MAX9513 Datasheet
363Kb / 23P
CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
MAX9513 MAXIM-MAX9513_09 Datasheet
649Kb / 23P
CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 1; 2/09
logo
Unisonic Technologies
TDA7360 UTC-TDA7360 Datasheet
184Kb / 6P
20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
logo
Analog Devices
LT6372-1 AD-LT6372-1 Datasheet
2Mb / 28P
Precision Instrumentation Amplifier with Level Shift and Output Clamping
logo
STMicroelectronics
TDA7362 STMICROELECTRONICS-TDA7362 Datasheet
753Kb / 17P
2x8W CAR RADIO AMPLIFIER WITH CLIPPING DETECTOR
May-1991
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com