Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1640 Datasheet (PDF) - Diode Semiconductor Korea

MBR1640 Datasheet PDF - Diode Semiconductor Korea
Part # MBR1640
Download  MBR1640 Download
File Size   175.13 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIER

MBR1640 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1640 Datasheet PDF - Diode Semiconductor Korea

Part # MBR1640
Download  MBR1640 Click to download

File Size   175.13 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIER

MBR1640 Datasheet (HTML) - Diode Semiconductor Korea


MBR1640 Product details

VOLTAGE RANGE: 30 - 100 V
CURRENT: 16 A

FEATURES
◇ High surge capacity.
◇ For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications.
◇ Metal silicon junction, majority carrier conduction.
◇ High current capacity, low forward voltage drop.
◇ Guard ring for over voltage protection.




Similar Part No. - MBR1640

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1640 DIODES-MBR1640 Datasheet
65Kb / 2P
16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. F-2
logo
Micro Commercial Compon...
MBR1640 MCC-MBR1640 Datasheet
114Kb / 2P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Diodes Incorporated
MBR1640 DIODES-MBR1640 Datasheet
79Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
MBR1640 BILIN-MBR1640 Datasheet
67Kb / 2P
SCHOTTKY BARRIER RECTIFIER
MBR1640 BILIN-MBR1640 Datasheet
156Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - MBR1640

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com