Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH615A-2 Datasheet (PDF) - List of Unclassifed Manufacturers

SFH615A-2 Datasheet PDF - List of Unclassifed Manufacturers
Part # SFH615A-2
Download  SFH615A-2 Download
File Size   50.24 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS

SFH615A-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH615A-2 Datasheet PDF - List of Unclassifed Manufacturers

Part # SFH615A-2
Download  SFH615A-2 Click to download

File Size   50.24 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS

SFH615A-2 Datasheet (HTML) - List of Unclassifed Manufacturers


SFH615A-2 Product details

[ISOCOM INC]



DESCRIPTION

The SFH615A series of optically coupled isolators consist of infrared light emitting diodes and NPN silicon photo transistors in space efficient dual in line plastic packages.



FEATURES

• Options :-

   10mm lead spread - add G after part no.

   Surface mount - add SM after part no.

   Tape&reel - add SMT&R after part no.

• Low input current 1mA IF

• High Current Transfer Ratios

   (40-320% at 10mA, 13% min at 1mA)

• High Isolation Voltage (5.3kVRMS ,7.5kVPK )

• High BVCEO (70V min)

• All electrical parameters 100% tested

• Custom electrical selections available



APPLICATIONS

• Computer terminals

• Industrial systems controllers

• Measuring instruments

• Signal transmission between systems of different potentials and impedances



 




Similar Part No. - SFH615A-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH615A-2 INFINEON-SFH615A-2 Datasheet
84Kb / 1P
Optocouplers
May 31, 2000-10
logo
Vishay Siliconix
SFH615A-2 VISHAY-SFH615A-2 Datasheet
139Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
06-Sep-06
logo
ISOCOM COMPONENTS
SFH615A-2 ISOCOM-SFH615A-2 Datasheet
429Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Vishay Siliconix
SFH615A-2 VISHAY-SFH615A-2 Datasheet
131Kb / 7P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
26-Jun-13
SFH615A-2 VISHAY-SFH615A-2 Datasheet
155Kb / 8P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
12-Oct-12
More results


Similar Description - SFH615A-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH628-2X ETC-SFH628-2X Datasheet
48Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617G-1X ETC-SFH617G-1X Datasheet
49Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617A-2 ETC-SFH617A-2 Datasheet
50Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS204X ISOCOM-IS204X Datasheet
79Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617G-1X ISOCOM-SFH617G-1X Datasheet
260Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617A-1 ISOCOM-SFH617A-1_08 Datasheet
69Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH628A-2 ISOCOM-SFH628A-2 Datasheet
77Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-2X ISOCOM-SFH615A-2X Datasheet
126Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-2XSMT-R ISOCOM-SFH615A-2XSMT-R Datasheet
126Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617A-2XSM ISOCOM-SFH617A-2XSM Datasheet
69Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com